Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIR-3307-TC11 Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MIR-3307-TC11
Description  SMD Type Reflective Photo Sensor Subminiature Photointerrupter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIR-3307-TC11 Datasheet(HTML) 2 Page - Unity Opto Technology

  MIR-3307-TC11 Datasheet HTML 1Page - Unity Opto Technology MIR-3307-TC11 Datasheet HTML 2Page - Unity Opto Technology MIR-3307-TC11 Datasheet HTML 3Page - Unity Opto Technology MIR-3307-TC11 Datasheet HTML 4Page - Unity Opto Technology MIR-3307-TC11 Datasheet HTML 5Page - Unity Opto Technology MIR-3307-TC11 Datasheet HTML 6Page - Unity Opto Technology MIR-3307-TC11 Datasheet HTML 7Page - Unity Opto Technology MIR-3307-TC11 Datasheet HTML 8Page - Unity Opto Technology MIR-3307-TC11 Datasheet HTML 9Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MIR-3307-TC11
Optical-Electrical Characteristics
@ TA=25
oC
Min.
Typ.
Max.
Unit.
Forward Voltage
-
1.2
1.4
V
Reverse Current
-
-
10
µA
Capacitance
-
25
-
pF
Collector Dark Current
-
-
100
nA
Capacitance
-
10
-
pF
*1 Collector Current
45
110
360
µA
Response Time (RISE)
-
20
100
µS
Response Time (FALL)
-
20
100
µS
*2 Leak Current
-
-
0.1
µA
Saturation Voltage
-
-
0.4
V
*1 THE CONDITION AND ARRANGEMENT OF THE REFLECTIVE OBJECT ARE SHOWN AS FOLLOWING .
*2 WITHOUT REFLECTIVE OBJECT.
TEST CONDITION AND ARRANGEMENT FOR COLLECTOR CURRENT
Typical Optical-Electrical Characteristic Curves
11/06/2003
IF =4mA, Vce =3V
I
F =20mA, Ic =0.1mA
Input
Parameter
Transfer Cha-
racteristics
VCE(set)
Test Conditions
IF =20mA
VR =3V
VR =0V, f=1MHz
RL =1kΩ, d =1mm
symbol
VF
IR
Iceo
Co
Vce =20V
VCE =5V, f=1MHz
IF =4mA, Vce =3V
Ic=100
µA, Vce =2V
Output
CCE
ILEAK
tf
tr
Ic
Unity Opto Technology Co., Ltd.
Device
Al refletive Surface
1 mm-thick glass
0
20
40
60
80
100
120
-25
0
25
50
75
100
Ambient Temperature TA (
oC)
Fig.1 forward Current VS.
Ambient Temperature
Ambient Temperature TA (
oC )
Fig.2 Power Dissipation vs.
Ambient Temperature
PTOT
Pad , PC
0
10
20
30
40
50
60
-25
0
25
50
75
100
0
100
200
300
400
500
600
0
5
10
15
20
Vce=5V
Ta=25oC
Forward Current IF (mA)
Fig.4 Collector Current vs.
Forward Current
0
10
20
30
40
50
0.0
0.5
1.0
1.5
Forward Voltage VF (V)
Fig.3 Forward Current VS
Forward Voltage


Similar Part No. - MIR-3307-TC11

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIR-3301-P UOT-MIR-3301-P Datasheet
132Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIR-3305 UOT-MIR-3305 Datasheet
149Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIR-3305-P UOT-MIR-3305-P Datasheet
168Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIR-3306-TC11 UOT-MIR-3306-TC11 Datasheet
231Kb / 9P
   SMD Type Reflective Photo Sensor Subminiature Photointerrupter
More results

Similar Description - MIR-3307-TC11

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3306-TC11 UOT-MIR-3306-TC11 Datasheet
231Kb / 9P
   SMD Type Reflective Photo Sensor Subminiature Photointerrupter
logo
Sharp Corporation
GP2S60 SHARP-GP2S60 Datasheet
88Kb / 6P
   Subminiature, Reflective Type Photointerrupter for Automatic Mounting
GP2A200LCS SHARP-GP2A200LCS Datasheet
65Kb / 5P
   Light Modulation, Reflective Type Photointerrupter
logo
KODENSHI_AUK CORP.
KIR1004S KODENSHI-KIR1004S Datasheet
141Kb / 2P
   Photointerrupter(Reflective)
logo
Sharp Corporation
GP1S33 SHARP-GP1S33 Datasheet
45Kb / 4P
   Subminiature, Reflow Soldering Type Photointerrupter
GP1S092HCPI SHARP-GP1S092HCPI Datasheet
59Kb / 5P
   Subminiature, Surface Mount Type Photointerrupter
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11A UOT-MIT-4A11A Datasheet
49Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11B UOT-MIT-4A11B Datasheet
49Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
logo
Sharp Corporation
GP1S24 SHARP-GP1S24 Datasheet
46Kb / 4P
   Subminiature Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com