Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSL-204SO Datasheet(PDF) 5 Page - Unity Opto Technology

Part # MSL-204SO
Description  ALLEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MSL-204SO Datasheet(HTML) 5 Page - Unity Opto Technology

  MSL-204SO Datasheet HTML 1Page - Unity Opto Technology MSL-204SO Datasheet HTML 2Page - Unity Opto Technology MSL-204SO Datasheet HTML 3Page - Unity Opto Technology MSL-204SO Datasheet HTML 4Page - Unity Opto Technology MSL-204SO Datasheet HTML 5Page - Unity Opto Technology MSL-204SO Datasheet HTML 6Page - Unity Opto Technology MSL-204SO Datasheet HTML 7Page - Unity Opto Technology MSL-204SO Datasheet HTML 8Page - Unity Opto Technology MSL-204SO Datasheet HTML 9Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Relative spektrale Emission Irel = f (λ), TA = 25
oC, I
F = 20mA
V(
λ) = Standard eye response curve
Forward Current IF = f (VF)
Relative Luminous Intensity IV/IV (20mA) = f (IF)
TA = 25
oC
TA = 25
oC
Max. Permissible Forward Current IF = f (TA)
Radiation Characteristic Irel = f (ϕ)
0
10
20
30
40
50
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
IF
GREEN/BLUE
RED/ORANGE/
YELLOW
VF
IV
IF
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
10
20
30
40
mA
TA
TS
IF
0
10
20
30
40
0
20
40
60
80
100
mA
T (
oC)
Irel
λ
red
orange
amber
green
0
20
40
60
80
100
400
450
500
550
600
650
700
true
green
blue
Vλ
0
o
10
o
20
o
30
o
40
o
50
o
60
o
70
o
80
o
90
o
0.8
0.9
1.0
0.1
0.2
0.7
0.5
0.3
0.4
0.6
TA temp. ambient
TS temp. solder point
5


Similar Part No. - MSL-204SO

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-204RGBAH UOT-MSL-204RGBAH Datasheet
47Kb / 3P
   Surface Mount Full Color PLCC LEDs
MSL-204RGBU UOT-MSL-204RGBU Datasheet
52Kb / 3P
   Surface Mount Full Color PLCC LEDs
MSL-204TXWC UOT-MSL-204TXWC Datasheet
71Kb / 7P
   ALLEDs
More results

Similar Description - MSL-204SO

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-204TXWC UOT-MSL-204TXWC Datasheet
71Kb / 7P
   ALLEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com