Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450T124F252A2A2 Datasheet(PDF) 7 Page - CTS Corporation

Part # 450T124F252A2A2
Description  Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

450T124F252A2A2 Datasheet(HTML) 7 Page - CTS Corporation

  450T124F252A2A2 Datasheet HTML 1Page - CTS Corporation 450T124F252A2A2 Datasheet HTML 2Page - CTS Corporation 450T124F252A2A2 Datasheet HTML 3Page - CTS Corporation 450T124F252A2A2 Datasheet HTML 4Page - CTS Corporation 450T124F252A2A2 Datasheet HTML 5Page - CTS Corporation 450T124F252A2A2 Datasheet HTML 6Page - CTS Corporation 450T124F252A2A2 Datasheet HTML 7Page - CTS Corporation 450T124F252A2A2 Datasheet HTML 8Page - CTS Corporation 450T124F252A2A2 Datasheet HTML 9Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DIMENSION:
mm
inch
15.1
20.4
11.3
Ø2.08±0.05-3HL'S
5.97±0.05
.636±.002
16.15±0.05
CLEARANCE HOLE
10.41±.008
.410±.003
1.57±0.08
5.6
"L"± 0.8
.031
.445
.220
.804
16.2
.594
.638
MAX
.235±.002
.235±.002
5.97±0.05
.082±.002
.062±.003
.062±.003
1.57±0.08
.410±.003
10.41±.008
4.16±0.08
.164±.003
2.08±0.08
.082±.003
MIN.
.925
MAX.
23.5
3.96±0.05
.156±.002
.327
8.3
UPE450RE Rear Extended Metal Shaft, Twist Tab Mounting, Printed Circuit Type "U" Terminals
MTG. SURFACE
3
2
1
11.3
.445
Ø23.8
.937
±0.8
±.031
"L"
±0.4
±.016
“A”
3/8-32 UNEF-2A THRD.
11.9±0.4
.469±.016
.125±.005
3.2±0.13
20.4
.804
.594
15.1
4.17±0.08
.164±.003
5.97±0.05
.235±.002
.235±.002
5.97±0.05
2.08±0.05
DIA. 3 HOLES
.082±.002
CLEARANCE HOLE
1.57±0.08
.062±.003
.062±.003
1.57±0.08
10.41±0.08
.410±.003
10.41±0.08
.410±.003
2.08±0.08
.082±.003
16.15±0.05
.636±.002
DIMENSION:
mm
inch
.438
11.1
V450 Metal Shaft, Busing Mounting, Printed Circuit Type “V” Terminals
DIMENSION:
mm
inch
12.7 MAX.
3/8-32 UNEF-2A THRD.
0.4
"A"±
.016
Ø23.8
.937
11.5
.453
.500
15.09
.594
±.031
"L" ±0.8
.125±.005
3.2±0.13
11.1
.438
.594
15.1
MAX.
19.8
.781
20.4
.804
VA-T450 & 5VA-T450 Metal Shaft, Bushing Mounting, Type “T” Solder Lug Terminals, Vernier Adjust
MTG. SURFACE
CLEARANCE HOLE
10.41±0.08
.410±.003
1.57±0.08
2.08±0.08
4.16±0.08
.164±.003
.082±.003
.410±.003
10.41±0.08
.062±.003
.062±.003
1.57±0.08
7 - 9
CTS Electronic Components
www.ctscorp.com
3
2
1
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
3
2
1
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
WIPER
1
3
2
CLOCKWISE
CIRCUIT
CCW
CW
* Consult CTS for details
01/25/07
© 2007 CTS Corporation. All rights reserved. Information subject to change.


Similar Part No. - 450T124F252A2A2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450T220F102A1A1 CTS-450T220F102A1A1 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
450T220F102A1B1 CTS-450T220F102A1B1 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
450T220F102A2A1 CTS-450T220F102A2A1 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
450T220F102A2B1 CTS-450T220F102A2B1 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
450T220F102A3A1 CTS-450T220F102A3A1 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
More results

Similar Description - 450T124F252A2A2

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
450T220R103B1 CTS-450T220R103B1_16 Datasheet
269Kb / 9P
   Industrial 24mm Diameter 1/2 Watt, Composition Rotary Potentiometer
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
logo
RHOPOINT COMPONENTS
CC50 RHOPOINT-CC50 Datasheet
304Kb / 2P
   Replaces 1 and 2 watt carbon composition resistors
logo
MERITEK ELECTRONICS COR...
SRCM MERITEK-SRCM Datasheet
461Kb / 2P
   Replaces 1 and 2 watt carbon composition resistors
logo
CTS Corporation
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com