Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSL-510XW Datasheet(PDF) 7 Page - Unity Opto Technology

Part # MSL-510XW
Description  關SideLEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MSL-510XW Datasheet(HTML) 7 Page - Unity Opto Technology

  MSL-510XW Datasheet HTML 1Page - Unity Opto Technology MSL-510XW Datasheet HTML 2Page - Unity Opto Technology MSL-510XW Datasheet HTML 3Page - Unity Opto Technology MSL-510XW Datasheet HTML 4Page - Unity Opto Technology MSL-510XW Datasheet HTML 5Page - Unity Opto Technology MSL-510XW Datasheet HTML 6Page - Unity Opto Technology MSL-510XW Datasheet HTML 7Page - Unity Opto Technology MSL-510XW Datasheet HTML 8Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Tape Dimensions
REEL Dimensions
Carrier Tape
The end of the tape shall be inserted into a slit of the hub
There shall be more than 40 empties
Trailer
Items
Remarks
Specifications
Leader
Cover Tape
Cover tape shall be longer than 400mm without
carrier tape
There shall be more than 40 empties
The end of the carrier tape shall be adhered on the cover tape
The orientation of tape shall be as shown
7


Similar Part No. - MSL-510XW

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-510HB UOT-MSL-510HB Datasheet
66Kb / 8P
   關SideLEDs
MSL-510ITG UOT-MSL-510ITG Datasheet
64Kb / 8P
   關SideLEDs
MSL-510SB UOT-MSL-510SB Datasheet
66Kb / 8P
   關SideLEDs
MSL-510SO UOT-MSL-510SO Datasheet
66Kb / 8P
   關SideLEDs
MSL-510SW UOT-MSL-510SW Datasheet
71Kb / 8P
   關SideLEDs
More results

Similar Description - MSL-510XW

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-510SW UOT-MSL-510SW Datasheet
71Kb / 8P
   關SideLEDs
MSL-518SB UOT-MSL-518SB Datasheet
66Kb / 8P
   關SideLEDs
MSL-510SB UOT-MSL-510SB Datasheet
66Kb / 8P
   關SideLEDs
MSL-518SW UOT-MSL-518SW Datasheet
70Kb / 8P
   關SideLEDs
MSL-510HB UOT-MSL-510HB Datasheet
66Kb / 8P
   關SideLEDs
MSL-510SO UOT-MSL-510SO Datasheet
66Kb / 8P
   關SideLEDs
MSL-510ITG UOT-MSL-510ITG Datasheet
64Kb / 8P
   關SideLEDs
logo
Central Technologies
CTE526HNF CT-CTE526HNF Datasheet
90Kb / 1P
   From 0.03 關H to 0.53 關H
CTIHLP2709F CT-CTIHLP2709F Datasheet
389Kb / 1P
   From .47 關H to 10 關H
CTIHLP2714F CT-CTIHLP2714F Datasheet
393Kb / 1P
   From .22 關H to 22 關H
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com