Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVL-303UR Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MVL-303UR
Description  Standard color transparent plastic lens
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-303UR Datasheet(HTML) 2 Page - Unity Opto Technology

  MVL-303UR Datasheet HTML 1Page - Unity Opto Technology MVL-303UR Datasheet HTML 2Page - Unity Opto Technology MVL-303UR Datasheet HTML 3Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Optical -Electrical Characteristics
Part No. : MVL-303G
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
9.0
30
-
mcd
Forward Voltage
VF
-
2.1
2.8
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
565
-
nm
Spectral Line Half Width
∆λ
-
30
-
nm
Viewing Angle
1/2
-
20
-
deg
Part No. : MVL-303Y
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
6.0
21
-
mcd
Forward Voltage
VF
-
2.1
2.8
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
585
-
nm
Spectral Line Half Width
∆λ
-
35
-
nm
Viewing Angle
1/2
-
20
-
deg
Part No. : MVL-303HR
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
8.0
28
-
mcd
Forward Voltage
VF
-
2.0
2.8
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
640
-
nm
Spectral Line Half Width
∆λ
-
40
-
nm
Viewing Angle
1/2
-
20
-
deg
Part No. : MVL-303DR
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
60
250
-
mcd
Forward Voltage
VF
-
1.8
2.4
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
660
-
nm
Spectral Line Half Width
∆λ
-
20
-
nm
Viewing Angle
1/2
-
20
-
deg
Part No. : MVL-303UR
@TA=25
oC
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
120
500
-
mcd
Forward Voltage
VF
-
1.8
2.4
V
Reverse Current
IR
-
-
100
µA
Wavelength
λp
-
660
-
nm
Spectral Line Half Width
∆λ
-
20
-
nm
Viewing Angle
1/2
-
20
-
deg
VR=5V
IF=20mA
IF=20mA
IF=20mA
Parameter
Test Conditions
IF=10mA
IF=20mA
IF=20mA
IF=20mA
Test Conditions
Parameter
IF=10mA
IF=20mA
VR=5V
IF=20mA
Parameter
Test Conditions
IF=10mA
IF=20mA
VR=5V
IF=20mA
IF=20mA
IF=20mA
Parameter
Test Conditions
IF=20mA
IF=20mA
VR=5V
IF=20mA
IF=20mA
IF=20mA
Parameter
Test Conditions
IF=20mA
IF=20mA
VR=5V
IF=20mA
IF=20mA
IF=20mA
P2


Similar Part No. - MVL-303UR

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-301DR UOT-MVL-301DR Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-301G UOT-MVL-301G Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-301HR UOT-MVL-301HR Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-301UR UOT-MVL-301UR Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-301Y UOT-MVL-301Y Datasheet
41Kb / 3P
   Standard color diffused plastic lens
More results

Similar Description - MVL-303UR

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-403G UOT-MVL-403G Datasheet
39Kb / 3P
   Standard color transparent plastic lens
MVL-313GH UOT-MVL-313GH Datasheet
40Kb / 3P
   Standard color transparent plastic lens
MVL-513G UOT-MVL-513G Datasheet
41Kb / 3P
   Standard color transparent plastic lens
MVL-503G UOT-MVL-503G Datasheet
41Kb / 3P
   Standard color transparent plastic lens
MVL-323GD UOT-MVL-323GD Datasheet
44Kb / 3P
   Standard double flange color transparent plastic lens
MVL-511G UOT-MVL-511G Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-401G UOT-MVL-401G Datasheet
39Kb / 3P
   Standard color diffused plastic lens
MVL-501G UOT-MVL-501G Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-311GH UOT-MVL-311GH Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-301G UOT-MVL-301G Datasheet
41Kb / 3P
   Standard color diffused plastic lens
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com