Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVL-401HR Datasheet(PDF) 1 Page - Unity Opto Technology

Part # MVL-401HR
Description  Standard color diffused plastic lens
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-401HR Datasheet(HTML) 1 Page - Unity Opto Technology

  MVL-401HR Datasheet HTML 1Page - Unity Opto Technology MVL-401HR Datasheet HTML 2Page - Unity Opto Technology MVL-401HR Datasheet HTML 3Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MVL-401G
MVL-401Y
MVL-401HR
04/30/2002
Description
Package Dimensions
Applications
l Popular T-1 3/4 (
φ4mm) diameter package
l I.C. compatible / Low current requirement
l Low power consumption
l General purpose leads
l Reliable and rugged
Absolute Maximum Tatings
GREEN
YELLOW
HR
Power Dissipation
Pad
100
60
100
mW
Peak Forward Current (1/10 Duty Cycle 0.1ms pulse width)
Ipf
120
80
120
A
Continuous Forward Current
Iaf
30
20
30
mA/
oC
Derating Linear From 25
oC
0.4
0.25
0.4
mA
Reverse Voltage
VR
5
5
5
V
Operating Temperature Range
Topr
Storage Temperature Range
Tstg
Lead Soldering Temperature (1.6mm from body) for 3 seconds at 260
oC
The MVL-401xx series package are T-1 3/4 (
φ4mm)
standard color diffused plastic lens package. The Hi-EFF
red (HR) and yellow LED chips are made with Gallium
Arsenide Phosphide on Gallium Phosphide diode. The
green LED chip is made with Gallium Phosphide on
Gallium Phosphide diode. Phosphide diode.
-55
oC to + 100oC
Parameter
Symbol
Maximum Rating
-55
oC to + 100oC
Unit
Unite: mm ( inches )
Unity Opto Technology Co., Ltd.
NOTES :
1. Tolerance is ± 0.25 mm (.010") unless otherwise noted.
2. Protruded resin under flange is 1.5 mm (.059'') max.
3. Lead spacing is measured where the leads emerge from the package.
P1


Similar Part No. - MVL-401HR

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-403G UOT-MVL-403G Datasheet
39Kb / 3P
   Standard color transparent plastic lens
MVL-403HR UOT-MVL-403HR Datasheet
39Kb / 3P
   Standard color transparent plastic lens
MVL-403Y UOT-MVL-403Y Datasheet
39Kb / 3P
   Standard color transparent plastic lens
More results

Similar Description - MVL-401HR

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-511G UOT-MVL-511G Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-501G UOT-MVL-501G Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-381G UOT-MVL-381G Datasheet
39Kb / 3P
   Standard color diffused plastic lens
MVL-311GH UOT-MVL-311GH Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-301G UOT-MVL-301G Datasheet
41Kb / 3P
   Standard color diffused plastic lens
MVL-321GD UOT-MVL-321GD Datasheet
44Kb / 3P
   Standard double flange color diffused plastic lens
MVL-403G UOT-MVL-403G Datasheet
39Kb / 3P
   Standard color transparent plastic lens
MVL-513G UOT-MVL-513G Datasheet
41Kb / 3P
   Standard color transparent plastic lens
MVL-503G UOT-MVL-503G Datasheet
41Kb / 3P
   Standard color transparent plastic lens
MVL-303G UOT-MVL-303G Datasheet
41Kb / 3P
   Standard color transparent plastic lens
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com