Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVL-9X4MUBC Datasheet(PDF) 6 Page - Unity Opto Technology

Part # MVL-9X4MUBC
Description  JACK LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-9X4MUBC Datasheet(HTML) 6 Page - Unity Opto Technology

  MVL-9X4MUBC Datasheet HTML 1Page - Unity Opto Technology MVL-9X4MUBC Datasheet HTML 2Page - Unity Opto Technology MVL-9X4MUBC Datasheet HTML 3Page - Unity Opto Technology MVL-9X4MUBC Datasheet HTML 4Page - Unity Opto Technology MVL-9X4MUBC Datasheet HTML 5Page - Unity Opto Technology MVL-9X4MUBC Datasheet HTML 6Page - Unity Opto Technology MVL-9X4MUBC Datasheet HTML 7Page - Unity Opto Technology MVL-9X4MUBC Datasheet HTML 8Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Packaging
Tubes of LEDs
LEDs are packaged in tubes , each of which contains 60 LEDs.
The LEDs in any individual tube come from a single category code.
Figure 1. Shows a sample label taken from a tube.
Boxes of LEDs
Each box of LEDs contains 240 tubes , or 14400 LEDs.
The box dimensions are 500× 243×150mm(L×W×H)
All of the tubes are in the same orientation .
Figure 2. Shows a sample label taken from a box .
Uni P / N :
Lot No. :
BIN:
Q'ty:
11mm
90mm
CUSTOMER P/N No.
:
ITEM No
:
Q'TY
:
Q.W.
:
G.W.
:
90mm
48mm
6


Similar Part No. - MVL-9X4MUBC

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-9X4MBC UOT-MVL-9X4MBC Datasheet
99Kb / 8P
   JACK LEDs
MVL-9X4MBC UOT-MVL-9X4MBC Datasheet
89Kb / 8P
   JACK LEDs
MVL-9X4MSGC UOT-MVL-9X4MSGC Datasheet
99Kb / 8P
   JACK LEDs
MVL-9X4MSGC UOT-MVL-9X4MSGC Datasheet
89Kb / 8P
   JACK LEDs
MVL-9X4MTGC UOT-MVL-9X4MTGC Datasheet
99Kb / 8P
   JACK LEDs
More results

Similar Description - MVL-9X4MUBC

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-914ASOLC UOT-MVL-914ASOLC Datasheet
99Kb / 8P
   JACK LEDs
MVL-984HUOLC UOT-MVL-984HUOLC Datasheet
89Kb / 8P
   JACK LEDs
MVL-924HUOLC UOT-MVL-924HUOLC Datasheet
90Kb / 8P
   JACK LEDs
logo
Kycon, Inc.
G15LX KYCON-G15LX Datasheet
1Mb / 1P
   2.5G Modular Jack LEDs
logo
Molex Electronics Ltd.
0857281001 MOLEX1-0857281001 Datasheet
31Kb / 2P
   Gigabit Magnetic Jack 2X6, LEDs Green/Green
0857271001 MOLEX1-0857271001_18 Datasheet
46Kb / 2P
   Gigabit Magnetic Jack 2X4, LEDs Green/Green
0857281001 MOLEX1-0857281001_18 Datasheet
30Kb / 2P
   Gigabit Magnetic Jack 2X6, LEDs Green/Green
0857281016 MOLEX1-0857281016 Datasheet
30Kb / 2P
   Gigabit Magnetic Jack 2X6, LEDs Green/Yellow
0857271006 MOLEX1-0857271006 Datasheet
46Kb / 2P
   Gigabit Magnetic Jack 2X4, LEDs Green/Orange
0857271006 MOLEX1-0857271006_18 Datasheet
46Kb / 2P
   Gigabit Magnetic Jack 2X4, LEDs Green/Orange
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com