Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSP1-XF1608H83133-92-TR70 Datasheet(PDF) 6 Page - TAITRON Components Incorporated

Part # TSP1-XF1608H83133-92-TR70
Description  0603 PACKAGE 0.8mm HEIGHT SUPER YELLOW LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSP1-XF1608H83133-92-TR70 Datasheet(HTML) 6 Page - TAITRON Components Incorporated

Back Button TSP1-XF1608H83133-92-TR70 Datasheet HTML 2Page - TAITRON Components Incorporated TSP1-XF1608H83133-92-TR70 Datasheet HTML 3Page - TAITRON Components Incorporated TSP1-XF1608H83133-92-TR70 Datasheet HTML 4Page - TAITRON Components Incorporated TSP1-XF1608H83133-92-TR70 Datasheet HTML 5Page - TAITRON Components Incorporated TSP1-XF1608H83133-92-TR70 Datasheet HTML 6Page - TAITRON Components Incorporated TSP1-XF1608H83133-92-TR70 Datasheet HTML 7Page - TAITRON Components Incorporated TSP1-XF1608H83133-92-TR70 Datasheet HTML 8Page - TAITRON Components Incorporated TSP1-XF1608H83133-92-TR70 Datasheet HTML 9Page - TAITRON Components Incorporated TSP1-XF1608H83133-92-TR70 Datasheet HTML 10Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Rev. A/PG 20071126
0603 Package 0.8mm Height Super Yellow LED
www.taitroncomponents.com
Page 6 of 10
TSP1-XF1608H8-3133
Carrier Tape Dimensions (Unit=mm): Loaded quantity 2000pcs per reel
Note: The tolerances unless mentioned is ±0.1mm.
Moisture Resistant Packaging


Similar Part No. - TSP1-XF1608H83133-92-TR70

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSP1-XF1608H8A4 TAITRON-TSP1-XF1608H8A4 Datasheet
567Kb / 7P
   0.8mm Height Flat Top LED
TSP1-XF1608H8A4-92-TR70 TAITRON-TSP1-XF1608H8A4-92-TR70 Datasheet
567Kb / 7P
   0.8mm Height Flat Top LED
More results

Similar Description - TSP1-XF1608H83133-92-TR70

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSP1-BF1608H8-2528 TAITRON-TSP1-BF1608H8-2528 Datasheet
346Kb / 9P
   0603 PACKAGE 0.8mm HEIGHT SUPER BLUE LED
TSP1-QF1608H8-3033 TAITRON-TSP1-QF1608H8-3033 Datasheet
262Kb / 10P
   0603 PACKAGE 0.8mm HEIGHT SUPER RED LED
logo
A-BRIGHT Inc
AL-HKB36D A-BRIGHT-AL-HKB36D_09 Datasheet
207Kb / 5P
   0603 Package Yellow SMD Chip LED Lamps (0.8mm Height)
logo
Everlight Electronics C...
19-21-R7C-AN2Q1B-3T EVERLIGHT-19-21-R7C-AN2Q1B-3T Datasheet
157Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-Y2C-AL1M2VY-3T EVERLIGHT-19-21-Y2C-AL1M2VY-3T Datasheet
152Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-BHC-AP1Q2-3T EVERLIGHT-19-21-BHC-AP1Q2-3T Datasheet
229Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-G6C-FM1N2B-3T EVERLIGHT-19-21-G6C-FM1N2B-3T_11 Datasheet
286Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-S2C-AL2M2VY-3T EVERLIGHT-19-21-S2C-AL2M2VY-3T Datasheet
210Kb / 10P
   0603 Package Chip LED (0.8mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-21-R8C-FN2Q1L-3T TO-GRACE-19-21-R8C-FN2Q1L-3T Datasheet
620Kb / 10P
   0603 Package Chip LED (0.8mm Height)
19-21-GPC-FL1M2B-3T TO-GRACE-19-21-GPC-FL1M2B-3T Datasheet
630Kb / 10P
   0603 Package Chip LED(0.8mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com