Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGDS-04-H-E Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MGDS-04-H-E
Description  Hi-Rel DC/DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGDS-04-H-E Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MGDS-04-H-E Datasheet HTML 1Page - List of Unclassifed Manufacturers MGDS-04-H-E Datasheet HTML 2Page - List of Unclassifed Manufacturers MGDS-04-H-E Datasheet HTML 3Page - List of Unclassifed Manufacturers MGDS-04-H-E Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDS-04-H-E Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDS-04-H-E Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDS-04-H-E Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDS-04-H-E Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDS-04-H-E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
For locations, phone, fax, E-Mail see back cover
3
Hi-Rel
Grade
MGDM-04 Series
Gaia Converter FC97-008.08/06 Revision N
©
4
3- Electrical Specifications
Data are valid at +25°C, unless otherwise specified.
Parameter
Conditions
Limit or
typical
Units
Single Output MGDS-04
04 - C
04 - H
04 - J
Input
Nominal input voltage
Full temperature range
Nominal
VDC
5
20
28
Permanent input
voltage range (Ui)
Full temperature range
Min. - Max.
VDC
4,5-5,5
9-36
16-40
Transient input voltage
Full load (consult factory)
Maximum
VDC/S
/
40/0,1
50/0,1
Start up input voltage
Full load
Minimum
VDC
4,3
8,5
15,5
Start up time
Ui nominal
Nominal output
Full load : resistive
Maximum
ms
200
200
200
Reflected ripple current
Ui nominal, full load at
switching freq. BW = 20MHz
Maximum
mApp5050
30
Input current in short
circuit mode (Average)
Ui nominal
Short-circuit
Maximum
mA
50
30
30
No load input current
Ui nominal
No load
Maximum
mA
50
30
30
Input current in inhibit
mode
inhibit
Maximum
mA
5
5
5
Output
Output voltage
Full temperature range
Ui min. to max.
75% load
Nominal
Nominal
Nominal
Nominal
VDC
VDC
VDC
VDC
3,3
5
12
15
3,3
5
12
15
3,3
5
12
15
Set Point accuracy
Ambient temperature : +25°c
Ui nominal, 75% load
Maximum
%
+/- 2
+/- 2
+/- 2
Output power
Full temperature range
Ui min. to max.
Maximum
W
4
4
4
Output current
3,3V output
5V output
12V output
15V output
Full temperature range
Ui min. to max.
Maximum
Maximum
Maximum
Maximum
mA
mA
mA
mA
1.000
800
330
260
1.000
800
330
260
1.000
800
330
260
Ripple output voltage *
3,3V and 5V output
12V output
15V output
Ui nominal
Full load
BW = 20MHz
Maximum
Maximum
Maximum
mVpp
mVpp
mVpp
40
50
60
40
50
60
40
50
60
Line regulation
Ui min. to max.
Full load
Maximum
%
+/- 0,5
+/- 0,5
+/- 0,5
Load regulation **
Ui nominal
25% to full load
Maximum
%
+/- 2
+/- 2
+/- 2
Efficiency
Ui nominal
Full load
Typical
%
see on page 6
Maximum admissible
Capacity load
3,3V and 5V output
12V and 15V output
Ui nominal
Full load
Per output
Maximum
Maximum
µF
µF
1.000
47
1.000
47
1.000
47
Note * : The ripple output voltage is the periodic AC component imposed on the output voltage, an aperiodic and random component (noise) has also to be considered. This
noise can be reduced by adding an external capacitor (typically 10nF/rated voltage depending on isolation requirement) connected between the pin Gin and the pin Gout
of the converter. This capacitor should be layed-out as close as possible from the converter.
Note ** : For load regulation characteristics from 0% to full load, please see page 6.


Similar Part No. - MGDS-04-H-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDS-10-C-B ETC2-MGDS-10-C-B Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C ETC2-MGDS-10-C-C Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/S ETC2-MGDS-10-C-C/S Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/T ETC2-MGDS-10-C-C/T Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-E ETC2-MGDS-10-C-E Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
More results

Similar Description - MGDS-04-H-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDM-150 ETC2-MGDM-150 Datasheet
494Kb / 17P
   Hi-Rel DC/DC CONVERTER
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
   Hi-Rel 2A DC-DC Converter
PE99153DIE PSEMI-PE99153DIE Datasheet
1Mb / 15P
   Hi-Rel 6A DC-DC Converter
logo
List of Unclassifed Man...
MGDM-75 ETC2-MGDM-75 Datasheet
618Kb / 17P
   Hi-Rel DC/DC CONVERTER 75W POWER
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
logo
TRACO Electronic AG
TMV-HI TRACOPOWER-TMV-HI Datasheet
1,007Kb / 4P
   DC/DC Converter TMV-HI Series, 1 Watt
Rev. November 30, 2022
logo
Vectron International, ...
C499 VECTRON-C499 Datasheet
207Kb / 15P
   Hi-Rel Standard OCXO
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com