Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGDS-04-J-BS Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MGDS-04-J-BS
Description  Hi-Rel DC/DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGDS-04-J-BS Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MGDS-04-J-BS Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDS-04-J-BS Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDS-04-J-BS Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDS-04-J-BS Datasheet HTML 9Page - List of Unclassifed Manufacturers MGDS-04-J-BS Datasheet HTML 10Page - List of Unclassifed Manufacturers MGDS-04-J-BS Datasheet HTML 11Page - List of Unclassifed Manufacturers MGDS-04-J-BS Datasheet HTML 12Page - List of Unclassifed Manufacturers MGDS-04-J-BS Datasheet HTML 13Page - List of Unclassifed Manufacturers MGDS-04-J-BS Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
For locations, phone, fax, E-Mail see back cover
11
Hi-Rel
Grade
MGDM-04 Series
Gaia Converter FC97-008.08/06 Revision N
©
4
11- Description of Protections
11-1 Output Short Circuit Protection (SCP)
The short circuit protection device protects the module
against short circuit of any duration and restores the mo-
dule to normal operation when the short circuit is removed.
It operates in «hiccup» mode by testing periodically if an
overload is applied (typically every 200ms recovery time).
The overload detection threshold is typically 200% of maxi-
mum current with a detection time lower than 5ms.
11-2 Output Overvoltage Protection (OVP)
The output overvoltage protection device protects external
components against high voltage or possible overvoltages
which can be supplied by the module (i.e in case of internal
failure). It consists of a zener diode clamping the output
voltage; under worst case conditions this zener diode will
short-circuit.
The output voltage protection is not designed to withstand
externally applied output overvoltages to protect the mo-
dule itself.
12- Description of Functions
12-1 On/Off Function
The control pin 20 (On/Off) can be used for applications
requiring On/Off operation. By using an open collector
command with a transistor Q referenced to the common
terminal (Gi) :
• A logic pulled low (<0.2V@1mA, referenced to Gi)
on pin 20 disables the converter
• No connection or high impedance on pin 20 enables
the converter.
By releasing the On/Off function, the converter will restart
within the start-up time specifications given in table page 3.
For further details please consult ‘’Logic On/Off’’ Applica-
tion Note.
GI
On/Off
Command
time
recovery time
detection time
recovery time
x
100
Vo (%)


Similar Part No. - MGDS-04-J-BS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDS-10-C-B ETC2-MGDS-10-C-B Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C ETC2-MGDS-10-C-C Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/S ETC2-MGDS-10-C-C/S Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/T ETC2-MGDS-10-C-C/T Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-E ETC2-MGDS-10-C-E Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
More results

Similar Description - MGDS-04-J-BS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDM-150 ETC2-MGDM-150 Datasheet
494Kb / 17P
   Hi-Rel DC/DC CONVERTER
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
   Hi-Rel 2A DC-DC Converter
PE99153DIE PSEMI-PE99153DIE Datasheet
1Mb / 15P
   Hi-Rel 6A DC-DC Converter
logo
List of Unclassifed Man...
MGDM-75 ETC2-MGDM-75 Datasheet
618Kb / 17P
   Hi-Rel DC/DC CONVERTER 75W POWER
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
logo
TRACO Electronic AG
TMV-HI TRACOPOWER-TMV-HI Datasheet
1,007Kb / 4P
   DC/DC Converter TMV-HI Series, 1 Watt
Rev. November 30, 2022
logo
Vectron International, ...
C499 VECTRON-C499 Datasheet
207Kb / 15P
   Hi-Rel Standard OCXO
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com