Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSPS-45-24 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPS-45-24
Description  Single Output Up to 48 Watts AC/DC Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPS-45-24 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPS-45-24 Datasheet HTML 1Page - Wall Industries,Inc. PSPS-45-24 Datasheet HTML 2Page - Wall Industries,Inc. PSPS-45-24 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPS45 Series
Single Output
Up to 48 Watts
AC/DC Power Supply
OUTPUT VOLTAGE / CURRENT RATING CHART
Model
Input Voltage
Output
Voltage
Voltage Adj.
Range
Rated
Current
Current
Range
Ripple &
Noise
Output
Power
Over Voltage
Protection
Efficiency
PSPS-45-3.3
3.3 VDC
3.14 ~ 3.63V
8A
0 ~ 10.7A
80mVp-p
26.4W
3.8 ~ 4.46V
69%
PSPS-45-5
5 VDC
4.75 ~ 5.5V
8A
0 ~ 10.5A
100mVp-p
40W
5.75 ~ 6.75V
74%
PSPS-45-7.5
7.5 VDC
7.13 ~ 8.25V
5.4A
0 ~ 7A
100mVp-p
40.5W
8.63 ~ 10.1V
75%
PSPS-45-12
12 VDC
11.4 ~ 13.2V
3.7A
0 ~ 4.4A
100mVp-p
44.4W
13.8 ~ 16.2V
76%
PSPS-45-13.5
13.5 VDC
12.8 ~ 14.85V
3.3A
0 ~ 3.9A
100mVp-p
44.6W
15.5 ~ 18.2V
77%
PSPS-45-15
15 VDC
14.25 ~ 16.5V
3A
0 ~ 3.5A
100mVp-p
45W
17.25 ~ 20.25V
77%
PSPS-45-24
24 VDC
22.8 ~ 26.4V
1.9A
0 ~ 2.2A
100mVp-p
45.6W
27.6 ~ 32.4V
78%
PSPS-45-27
27 VDC
25.65 ~ 29.7V
1.7A
0 ~ 1.95A
100mVp-p
45.9W
31 ~ 36.45V
78%
PSPS-45-48
90 ~ 264VAC
(127 ~ 370VDC)
48 VDC
45.6 ~ 52.8V
1A
0 ~ 1.1A
100mVp-p
48W
55.2 ~ 64.8V
78%
NOTES
1. All parameters not specially mentioned are measured at 230VAC input, rated load, and 25°C ambient temperature.
2. Ripple & noise are measured at 20MHz using a 12" twisted pair-wire terminated with 0.1uF & 47uF capacitors in parallel.
3. Tolerance: includes set up tolerance, line regulation, and load regulation.
4. The power supply is considered a component, which will be installed into final equipment. The final equipment must be re-
confirmed that it still meets EMC directives.
5. Mounting holes M1 and M2 should be grounded for EMI purposes.
BLOCK DIAGRAM
DERATING CURVE
STATIC CHARACTERISTICS (12V)
fosc: 65KHz


Similar Part No. - PSPS-45-24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPS-25-12 WALL-PSPS-25-12 Datasheet
184Kb / 3P
   Single Output Up to 25 Watts AC/DC Power Supply
PSPS-25-13.5 WALL-PSPS-25-13.5 Datasheet
184Kb / 3P
   Single Output Up to 25 Watts AC/DC Power Supply
PSPS-25-15 WALL-PSPS-25-15 Datasheet
184Kb / 3P
   Single Output Up to 25 Watts AC/DC Power Supply
PSPS-25-24 WALL-PSPS-25-24 Datasheet
184Kb / 3P
   Single Output Up to 25 Watts AC/DC Power Supply
PSPS-25-27 WALL-PSPS-25-27 Datasheet
184Kb / 3P
   Single Output Up to 25 Watts AC/DC Power Supply
More results

Similar Description - PSPS-45-24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMPS45 WALL-PSMPS45 Datasheet
157Kb / 3P
   Single Output Up to 48 Watts AC/DC Medical Power Supply
PSPS25 WALL-PSPS25 Datasheet
184Kb / 3P
   Single Output Up to 25 Watts AC/DC Power Supply
PSPS65 WALL-PSPS65 Datasheet
183Kb / 3P
   Single Output Up to 65 Watts AC/DC Power Supply
PSRL0603 WALL-PSRL0603 Datasheet
380Kb / 5P
   Single Output Up to 250 Watts AC/DC Switching Power Supply
PSRL0601 WALL-PSRL0601 Datasheet
367Kb / 5P
   Single Output Up to 320 Watts AC/DC Switching Power Supply
PSMPS30 WALL-PSMPS30 Datasheet
168Kb / 3P
   Single Output Up to 30 Watts AC/DC Medical Power Supply
PSMPS65 WALL-PSMPS65 Datasheet
169Kb / 3P
   Single Output Up to 65 Watts AC/DC Medical Power Supply
DTIPU30 WALL-DTIPU30 Datasheet
144Kb / 2P
   Single Output Up to 30 Watts AC/DC Desktop Power Supply
PSRL9827 WALL-PSRL9827 Datasheet
345Kb / 4P
   Single Output Up to 150 Watts AC/DC Switching Power Supply
PSPD45 WALL-PSPD45 Datasheet
179Kb / 3P
   Dual Output Up to 45 Watts AC/DC Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com