Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGDS-04-H-FT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MGDS-04-H-FT
Description  Hi-Rel DC/DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGDS-04-H-FT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MGDS-04-H-FT Datasheet HTML 2Page - List of Unclassifed Manufacturers MGDS-04-H-FT Datasheet HTML 3Page - List of Unclassifed Manufacturers MGDS-04-H-FT Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDS-04-H-FT Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDS-04-H-FT Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDS-04-H-FT Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDS-04-H-FT Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDS-04-H-FT Datasheet HTML 9Page - List of Unclassifed Manufacturers MGDS-04-H-FT Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
For locations, phone, fax, E-Mail see back cover
6
Hi-Rel
Grade
MGDM-04 Series
Gaia Converter FC97-008.08/06 Revision N
©
4
3- Electrical Characteristics (continued)
input 5V
1
2
3
4
Output Power (W)
(MGDS-04-C-E module)
Figure 2 : Typical efficiency versus load
at nominal input
83
80
77
74
71
68
65
input 5V
1
2
3
4
Output Power (W)
(MGDS-04-C-F module)
Figure 3 : Typical efficiency versus load
at nominal input
83
80
77
74
71
68
65
input 16V
input 40V
input 28V
1
2
3
4
Output Power (W)
(MGDS-04-J-E module)
Figure 8 : Typical efficiency versus load
at various input
84
81
78
75
72
69
66
input 16V
input 40V
input 28V
1
2
3
4
Output Power (W)
(MGDS-04-J-F module)
Figure 9 : Typical efficiency versus load
at various input
84
81
78
75
72
69
66
Output Current (mA)
(MGDS-04-J-F module)
Figure 12 : Typical load regulation
characteristics at nominal input
Output Current (mA)
(MGDS-04-J-E module)
Figure 11 : Typical load regulation
characteristics at nominal input
1
2
3
4
Output Power (W)
(MGDS-04-C-C module)
Figure 1 : Typical efficiency versus load
at nominal input
83
80
77
74
71
68
65
input 5V
input 18V
input 36V
input 9V
1
2
3
4
Output Power (W)
(MGDS-04-H-C module)
Figure 5 : Typical efficiency versus load
at various input
83
80
77
74
71
68
65
1
2
3
4
Output Power (W)
(MGDS-04-H-E module)
Figure 6 : Typical efficiency versus load
at nominal input
83
80
77
74
71
68
65
input 18V
input 36V
input 9V
1
2
3
4
Output Power (W)
(MGDS-04-J-C module)
Figure 7 : Typical efficiency versus load
at various input
83
80
77
74
71
68
65
input 28V
input 40V
input 16V
input 9V
input 18V
input 36V
1
2
3
4
Output Power (W)
(MGDS-04-H-B module)
Figure 4 : Typical efficiency versus
load at various input
83
80
77
74
71
68
65
Output Current (mA)
(MGDS-04-J-C module)
0
50
100
150
200
250
300
350
11,8
12
12,2
12,4
12,6
12,8
13
13,2
13,4
0
100
200
300
400
500
600
700
800
4,9
5
5,1
5,2
5,3
5,4
5,5
5,6
0
50
100
150
200
250
300
14,8
15
15,2
15,4
15,6
15,8
16
16,2
16,4
Figure 10 : Typical load regulation
characteristics at nominal input


Similar Part No. - MGDS-04-H-FT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDS-10-C-B ETC2-MGDS-10-C-B Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C ETC2-MGDS-10-C-C Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/S ETC2-MGDS-10-C-C/S Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/T ETC2-MGDS-10-C-C/T Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-E ETC2-MGDS-10-C-E Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
More results

Similar Description - MGDS-04-H-FT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDM-150 ETC2-MGDM-150 Datasheet
494Kb / 17P
   Hi-Rel DC/DC CONVERTER
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
   Hi-Rel 2A DC-DC Converter
PE99153DIE PSEMI-PE99153DIE Datasheet
1Mb / 15P
   Hi-Rel 6A DC-DC Converter
logo
List of Unclassifed Man...
MGDM-75 ETC2-MGDM-75 Datasheet
618Kb / 17P
   Hi-Rel DC/DC CONVERTER 75W POWER
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
logo
TRACO Electronic AG
TMV-HI TRACOPOWER-TMV-HI Datasheet
1,007Kb / 4P
   DC/DC Converter TMV-HI Series, 1 Watt
Rev. November 30, 2022
logo
Vectron International, ...
C499 VECTRON-C499 Datasheet
207Kb / 15P
   Hi-Rel Standard OCXO
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com