Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAQF150U Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAQF150U
Description  U Chassis 150 Watt Single Output AC/DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAQF150U Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAQF150U Datasheet HTML 1Page - Wall Industries,Inc. PSAQF150U Datasheet HTML 2Page - Wall Industries,Inc. PSAQF150U Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSAQF150U Series
U Chassis
150 Watt Single Output
AC/DC Switching Power Supply
FEATURES
● PFC Function
● 2 Year Warranty
● 150 Watt with 18CFM Fan
● 3.3VDC to 48VDC Single Output
● 3000VAC Input to Output Isolation
● U Chassis Switching Power Supply
● Ultra Compact Size: 5.0 x 3.24 x 1.5 Inches
SPECIFICATIONS: PSAQF150U Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 264VAC or 120 ~ 370VDC
Input Frequency
47 ~ 63Hz
Input Current (Full Load)
3A max. @ 115VAC, 1.5A max @ 230VAC
Inrush Current (< 2ms)
30A max @ 115VAC, 60A max @ 230VAC
Leakage Current
3.5mA max
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
See Table
Voltage Accuracy
±2%
Line Regulation (LL – HL)
±1% typical
Load Regulation (5% to 100%)
±1% typical
Output Current
See Table
Ripple & Noise
100mV max.
Minimum Load
0%
Maximum Capacitive Load
470-23,000µF depending on model.
Hold Up Time
18ms min.
Temperature Coefficient
±0.02%/°C (0°C - 50°C)
PROTECTION
Over Power Protection
Auto-recovery
Over Voltage Protection
Auto-recovery
Short Circuit Protection
Auto-recovery
GENERAL SPECIFICATIONS
Switching Frequency
67KHz
Efficiency
See Table
Isolation Voltage (Input to Output)
3000VAC
Isolation Voltage (Input to Field Ground)
1500VAC
Isolation Voltage (Output to Field Ground)
500VAC
Power Factor (Full Load)
PF > 0.97 @ 115VAC in, PF > 0.93 @ 230VAC in
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-25°C to +70°C (with derating)
Storage Temperature
-40°C to +85°C
Humidity
95% RH
Cooling
Free air convection / 18CFM Forced Air
MTBF
> 100,000 hours @ 25°C (MIL-HDBK-217F)
PHYSICAL SPECIFICATIONS
Weight
452g
Dimensions
5.0(L) x 3.24(W) x 1.5(H) inches
(127.0(L) x 82.2(W) x 38.1(H) mm) Tolerance ±0.5mm
SAFETY & EMC
Agency Approvals
CE, UL
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMS (Noise Immunity)
EN 55024


Similar Part No. - PSAQF150U

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF150E WALL-PSAQF150E Datasheet
156Kb / 3P
   Enclosed 150 Watt Single Output AC/DC Switching Power Supply
PSAQF150E-12S WALL-PSAQF150E-12S Datasheet
156Kb / 3P
   Enclosed 150 Watt Single Output AC/DC Switching Power Supply
PSAQF150E-15S WALL-PSAQF150E-15S Datasheet
156Kb / 3P
   Enclosed 150 Watt Single Output AC/DC Switching Power Supply
PSAQF150E-24S WALL-PSAQF150E-24S Datasheet
156Kb / 3P
   Enclosed 150 Watt Single Output AC/DC Switching Power Supply
PSAQF150E-3.3S WALL-PSAQF150E-3.3S Datasheet
156Kb / 3P
   Enclosed 150 Watt Single Output AC/DC Switching Power Supply
More results

Similar Description - PSAQF150U

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF150E WALL-PSAQF150E Datasheet
156Kb / 3P
   Enclosed 150 Watt Single Output AC/DC Switching Power Supply
PSS150 WALL-PSS150 Datasheet
153Kb / 3P
   150 Watt Single Output AC/DC Power Supply
PSAQF150O WALL-PSAQF150O Datasheet
178Kb / 3P
   Open Frame 150 Watt Single Output AC/DC Switching Power Supply
PSSP150 WALL-PSSP150 Datasheet
161Kb / 3P
   Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
DCSD-150 WALL-DCSD-150 Datasheet
176Kb / 3P
   150 Watt Single Output Chassis Mount DC/DC Converter
logo
Artesyn Technologies
LCB150E ARTESYN-LCB150E Datasheet
481Kb / 3P
   150 Watt Single Output Power Supply
logo
Wall Industries,Inc.
PSSUU150 WALL-PSSUU150 Datasheet
177Kb / 2P
   3-pin Input Connector 150 Watt Single Output AC/DC U-Bracket Power Supply for I.T.E.
PSSUU151 WALL-PSSUU151 Datasheet
165Kb / 2P
   2-pin Input Connector 150 Watt Single Output AC/DC U-Bracket Power Supply for I.T.E.
logo
Intronics Power, Inc.
AC350 INTRONICS-AC350 Datasheet
183Kb / 2P
   350 WATT SINGLE OUTPUT U FRAME AC-DC POWER SUPPLY WITH PFC
logo
Wall Industries,Inc.
PSRL9827 WALL-PSRL9827 Datasheet
345Kb / 4P
   Single Output Up to 150 Watts AC/DC Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com