Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGDS-150-O-E-S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MGDS-150-O-E-S
Description  Hi-Rel DC/DC CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGDS-150-O-E-S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MGDS-150-O-E-S Datasheet HTML 3Page - List of Unclassifed Manufacturers MGDS-150-O-E-S Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDS-150-O-E-S Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDS-150-O-E-S Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDS-150-O-E-S Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDS-150-O-E-S Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDS-150-O-E-S Datasheet HTML 9Page - List of Unclassifed Manufacturers MGDS-150-O-E-S Datasheet HTML 10Page - List of Unclassifed Manufacturers MGDS-150-O-E-S Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
For locations, phone, fax, E-Mail see back cover
7
Hi-Rel
Grade
MGDM-150 Low Input Series
Gaia Converter FC02-009.08/06 Revision N
©
4
5- Switching Frequency
7- Protection Functions
Characteristics
Protection Device
Recovery
Limit or typical
Specifications
Input undervoltage lock-out (UVLO)
Turn-on, turn-off circuit
with hysteresis cycle
Automatic
recovery
Turn-on nominal
Turn-off nominal
See section 4
Input overvoltage lock-out (OVLO)
Turn-on, turn-off circuit
with hysteresis cycle
Automatic
recovery
Turn-on nominal
Turn-off nominal
See section 4
Output current limitation protection
(OCP)
Foldback current
limitation
Automatic
recovery
Maximum
110% of
output current
Output overvoltage protection (OVP)
Overvoltage protection
device with latch-up
Resetable
Typical
115% to 135%
of output
voltage
Over temperature protection (OTP)
Thermal device with
hysteresis cycle
Automatic
recovery
Maximum
115°C
8- Reliability Data
Parameter
Conditions
Limit or typical
Specifications
Switching frequency
Full temperature range
Ui min. to max.
No load to full load
Nominal, fixed
420 KHz
6- Isolation
Characteristics
Conditions
Temperature
Specifications
Mean Time Between Failure (MTBF)
According to MIL-HDBK-217F
Ground fixed (Gf)
Case at 40°C
Case at 85°C
400.000 Hrs
130.000 Hrs
Airborne, Inhabited,
Cargo (AIC)
Case at 40°C
Case at 85°C
225.000 Hrs
82.000 Hrs
Mean Time Between Failure (MTBF)
According to IEC-62380-TR
Avionics Military Cargo
/
Consult factory
Parameter
Conditions
Limit or typical
Specifications
Electric strength test voltage
Input to output
Input to case
Output to case
Minimum
Minimum
Minimum
1.500 VDC / 1 min
1.500 VDC / 1 min
1.500 VDC / 1 min
Isolation resistance
500 VDC
Minimum
100 MOhm


Similar Part No. - MGDS-150-O-E-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDS-10-C-B ETC2-MGDS-10-C-B Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C ETC2-MGDS-10-C-C Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/S ETC2-MGDS-10-C-C/S Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/T ETC2-MGDS-10-C-C/T Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-E ETC2-MGDS-10-C-E Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
More results

Similar Description - MGDS-150-O-E-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDM-04 ETC2-MGDM-04 Datasheet
225Kb / 14P
   Hi-Rel DC/DC CONVERTER
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
   Hi-Rel 2A DC-DC Converter
PE99153DIE PSEMI-PE99153DIE Datasheet
1Mb / 15P
   Hi-Rel 6A DC-DC Converter
logo
List of Unclassifed Man...
MGDM-75 ETC2-MGDM-75 Datasheet
618Kb / 17P
   Hi-Rel DC/DC CONVERTER 75W POWER
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
logo
TRACO Electronic AG
TMV-HI TRACOPOWER-TMV-HI Datasheet
1,007Kb / 4P
   DC/DC Converter TMV-HI Series, 1 Watt
Rev. November 30, 2022
logo
Vectron International, ...
C499 VECTRON-C499 Datasheet
207Kb / 15P
   Hi-Rel Standard OCXO
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com