Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUF302 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TUF302
Description  3.0A Ultra Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TUF302 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TUF302 Datasheet HTML 1Page - TAITRON Components Incorporated TUF302 Datasheet HTML 2Page - TAITRON Components Incorporated TUF302 Datasheet HTML 3Page - TAITRON Components Incorporated TUF302 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-04
TUF301 – TUF308
3.0A Ultra Fast Recovery Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
3.0A Ultra Fast Recovery Rectifier
Features
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• High temperature soldering guaranteed: 250°C/10 seconds
/.375" (9.5mm) lead length at 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
DO-201AD, molded plastic
Epoxy:
UL 94V-0 rate flame retardant
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208 guaranteed
Polarity:
Color band denotes cathode end
Weight:
1.2 grams
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
TUF
301
TUF
302
TUF
303
TUF
304
TUF
305
TUF
306
TUF
307
TUF
308
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
300
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
210
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
300
400
600
800
1000
V
Io(AV)
Maximum Average
Forward Rectified
Current
3.0
A
TA=55 ˚C
IFSM
Peak Forward Surge
Current
150
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
DO-201AD


Similar Part No. - TUF302

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TUF-1 MINI-TUF-1 Datasheet
141Kb / 2P
   FREQUENCY MIXERS
TUF-1 MINI-TUF-1 Datasheet
267Kb / 2P
   Frequency Mixer
TUF-1++ MINI-TUF-1+ Datasheet
267Kb / 2P
   Frequency Mixer
TUF-11ALH MINI-TUF-11ALH Datasheet
74Kb / 2P
   FREQUENCY MIXERS
TUF-18DHSM MINI-TUF-18DHSM Datasheet
321Kb / 2P
   Frequency Mixer
More results

Similar Description - TUF302

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
UF5400 TAITRON-UF5400 Datasheet
162Kb / 4P
   3.0A Ultra Fast Recovery Rectifier
TF301 TAITRON-TF301 Datasheet
131Kb / 4P
   3.0A Fast Recovery Rectifier
logo
New Jersey Semi-Conduct...
FR301 NJSEMI-FR301 Datasheet
129Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Zibo Seno Electronic En...
PR3001 ZSELEC-PR3001 Datasheet
135Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR305-T DIODES-FR305-T Datasheet
50Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
MR850 TAITRON-MR850 Datasheet
133Kb / 4P
   3.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR3001 DIODES-PR3001_1 Datasheet
368Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. 4 - 2
logo
Won-Top Electronics
FR301 WTE-FR301 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR301 DIODES-FR301 Datasheet
57Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
DS26003 Rev. C-3
PR3001 DIODES-PR3001 Datasheet
61Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. A1-2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com