Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGDS-150-O-B-T Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MGDS-150-O-B-T
Description  Hi-Rel DC/DC CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGDS-150-O-B-T Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MGDS-150-O-B-T Datasheet HTML 1Page - List of Unclassifed Manufacturers MGDS-150-O-B-T Datasheet HTML 2Page - List of Unclassifed Manufacturers MGDS-150-O-B-T Datasheet HTML 3Page - List of Unclassifed Manufacturers MGDS-150-O-B-T Datasheet HTML 4Page - List of Unclassifed Manufacturers MGDS-150-O-B-T Datasheet HTML 5Page - List of Unclassifed Manufacturers MGDS-150-O-B-T Datasheet HTML 6Page - List of Unclassifed Manufacturers MGDS-150-O-B-T Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDS-150-O-B-T Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDS-150-O-B-T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
For locations, phone, fax, E-Mail see back cover
4
Hi-Rel
Grade
MGDM-150 Low Input Series
Gaia Converter FC02-009.08/06 Revision N
©
4
Note * : These performances are measured with the sense line connected..
Note ** : It is recommended to mount the converter on a heatsink for this test, see section 10-3 and 10-9 for further details.
Note *** : The ripple output voltage is the periodic AC component imposed on the output voltage, an aperiodic and random component (noise) has also to be considered.
This noise can be reduced by adding 4 external decoupling capacitors connected between inputs and case and between outputs and case. These capacitance should
be layed-out as close as possible from the converter. Please refer to page 8 for more details.
4- Electrical Specifications
Data are valid at +25°C, unless otherwise specified.
Parameter
Conditions
Limit or
typical
Units
Single Output MGDS-150
150 - H
150 - O
Input
Nominal input voltage
Full temperature range
Nominal
VDC
24
28
Permanent input
voltage range (Ui)
Full temperature range
Min. - Max.
VDC
9 - 45
16 - 80
Input surge withstand
Above OVLO converter
Turns - off
Maximum
VDC/min.
50/1
100/1
Undervoltage lock-out
(UVLO)
Turn-on voltage
Turn-off voltage
Nominal
Nominal
VDC
VDC
8,5
7,5
15,5
14,5
Overvoltage lock-out
(OVLO)
Turn-on voltage
Turn-off voltage
Nominal
Nominal
VDC
VDC
45
46
80
81
Start up time
Ui nominal
Nominal output
Full load : resistive
Maximum
ms
30
30
Reflected ripple current
Ui nominal, full load
BW = 20MHz
Maximum
mApp
200
500
Input current in short
circuit
mode (Average)
Ui nominal
Short-circuit
Typical
A
1
1
No load input current
Ui nominal
No load
Maximum
mA
30
30
Input current in inhibit
mode
Ui nominal
Inhibit
Maximum
mA
15
15
Output
Output voltage *
Ui min. to max.
Nominal
Nominal
Nominal
Nominal
Nominal
Nominal
VDC
VDC
VDC
VDC
VDC
VDC
3,3
5
12
15
24
28
3,3
5
12
15
24
28
Set Point accuracy *
Ambient temperature : +25°c
Ui nominal, 75% load
Maximum
%
+/- 2
+/- 2
Output power **
At 105°c baseplate
Ui min. to max.
Maximum
W
100 to 150
100 to 150
Output current **
3,3V output
5V output
12V output
15V output
24V output
28V output
Full temperature range
Ui min. to max.
Maximum
Maximum
Maximum
Maximum
Maximum
Maximum
A
A
A
A
A
A
30
25
12,5
10
6,25
5,35
30
30
12,5
10
6,25
5,35
Ripple output voltage ***
3,3V and 5V output
12V output
15V output
24V and 28V output
Ui nominal
Full load
BW = 20MHz
Typical
Typical
Typical
Typical
mVpp
mVpp
mVpp
mVpp
50
100
150
250
50
100
150
250
Output regulation *
(Line + load + thermal)
Ui min. to max.
0% to full load
Maximum
%
+/- 1
+/- 1
Output Voltage Trim
As function of output voltage
Minimum
Maximum
%
%
10 **
110
10 **
110
Efficiency
Ui nominal
Full load
Typical
%
see curves page 5 and 6


Similar Part No. - MGDS-150-O-B-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDS-10-C-B ETC2-MGDS-10-C-B Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C ETC2-MGDS-10-C-C Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/S ETC2-MGDS-10-C-C/S Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/T ETC2-MGDS-10-C-C/T Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-E ETC2-MGDS-10-C-E Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
More results

Similar Description - MGDS-150-O-B-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDM-04 ETC2-MGDM-04 Datasheet
225Kb / 14P
   Hi-Rel DC/DC CONVERTER
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
   Hi-Rel 2A DC-DC Converter
PE99153DIE PSEMI-PE99153DIE Datasheet
1Mb / 15P
   Hi-Rel 6A DC-DC Converter
logo
List of Unclassifed Man...
MGDM-75 ETC2-MGDM-75 Datasheet
618Kb / 17P
   Hi-Rel DC/DC CONVERTER 75W POWER
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
logo
TRACO Electronic AG
TMV-HI TRACOPOWER-TMV-HI Datasheet
1,007Kb / 4P
   DC/DC Converter TMV-HI Series, 1 Watt
Rev. November 30, 2022
logo
Vectron International, ...
C499 VECTRON-C499 Datasheet
207Kb / 15P
   Hi-Rel Standard OCXO
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com