Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGDS-150-H-B-T Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MGDS-150-H-B-T
Description  Hi-Rel DC/DC CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGDS-150-H-B-T Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MGDS-150-H-B-T Datasheet HTML 7Page - List of Unclassifed Manufacturers MGDS-150-H-B-T Datasheet HTML 8Page - List of Unclassifed Manufacturers MGDS-150-H-B-T Datasheet HTML 9Page - List of Unclassifed Manufacturers MGDS-150-H-B-T Datasheet HTML 10Page - List of Unclassifed Manufacturers MGDS-150-H-B-T Datasheet HTML 11Page - List of Unclassifed Manufacturers MGDS-150-H-B-T Datasheet HTML 12Page - List of Unclassifed Manufacturers MGDS-150-H-B-T Datasheet HTML 13Page - List of Unclassifed Manufacturers MGDS-150-H-B-T Datasheet HTML 14Page - List of Unclassifed Manufacturers MGDS-150-H-B-T Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
For locations, phone, fax, E-Mail see back cover
11
Hi-Rel
Grade
MGDM-150 Low Input Series
Gaia Converter FC02-009.08/06 Revision N
©
4
11- Environmental Qualifications
The modules have been subjected to the following environmental qualifications.
Characteristics
Conditions
Severity
Test procedure
Climatic Qualifications
Life at high
temperature
Duration
Temperature / status of unit
Test D : 1.000 Hrs
@ 105°C case, unit operating
@ 125°C ambient, unit not operating
MIL-STD-202G
Method 108A
Altitude
Altitude level C
Duration
Climb up
Stabilization
Status of unit
40.000 ft@-55°C
30 min.
1.000 ft/min to 70.000 f@-55°C,
30 min.
unit operating
MIL-STD-810E
Method 500.3
Humidity cyclic
Number of cycle
Cycle duration
Relative humidity variation
Temperature variation
Status of unit
10
Cycle I : 24 Hrs
60 % to 88 %
31°C to 41°C
unit not operating
MIL-STD-810E
Method 507.3
Humidity steady
Damp heat
Temperature
Duration
Status of unit
93 % relative humidity
40°C
56 days
unit not operating
MIL-STD-202G
Method 103B
Salt atmosphere
Temperature
Concentration NaCl
Duration
Status of unit
35°C
5 %
48 Hrs
unit not operating
MIL-STD-810E
Method 509.3
Temperature
cycling
Number of cycles
Temperature change
Transfert time
Steady state time
Status of unit
200
-40°C / +85°C
40 min.
20 min.
unit operating
MIL-STD-202A
Method 102A
Temperature shock
Number of shocks
Temperature change
Transfert time
Steady state time
Status of unit
100
-55°C / +105°C
10 sec.
20 min.
unit not operating
MIL-STD-202G
Method 107G
Mechanical Qualifications
Vibration
(Sinusoidal)
Number of cycles
Frequency / amplitude
Frequency / acceleration
Duration
Status of unit
10 cycles in each axis
10 to 60 Hz / 0.7 mm
60 to 2000 Hz / 10 g
2h 30 min. per axis
unit not operating
MIL-STD-810D
Method 514.3
Shock
(Half sinus)
Number of shocks
Peak acceleration
Duration
Shock form
Status of unit
3 shocks in each axis
100 g
6 ms
1/2 sinusoidal
unit not operating
MIL-STD-810D
Method 516.3
Bump
(Half sinus)
Number of bumps
Peak acceleration
Duration
Status of unit
2000 Bumps in each axis
40 g
6 ms
unit not operating
MIL-STD-810D
Method 516.3


Similar Part No. - MGDS-150-H-B-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDS-10-C-B ETC2-MGDS-10-C-B Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C ETC2-MGDS-10-C-C Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/S ETC2-MGDS-10-C-C/S Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-C/T ETC2-MGDS-10-C-C/T Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
MGDS-10-C-E ETC2-MGDS-10-C-E Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
More results

Similar Description - MGDS-150-H-B-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MGDM-04 ETC2-MGDM-04 Datasheet
225Kb / 14P
   Hi-Rel DC/DC CONVERTER
logo
Peregrine Semiconductor
PE99151DIE PSEMI-PE99151DIE Datasheet
1Mb / 15P
   Hi-Rel 2A DC-DC Converter
PE99153DIE PSEMI-PE99153DIE Datasheet
1Mb / 15P
   Hi-Rel 6A DC-DC Converter
logo
List of Unclassifed Man...
MGDM-75 ETC2-MGDM-75 Datasheet
618Kb / 17P
   Hi-Rel DC/DC CONVERTER 75W POWER
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
logo
TRACO Electronic AG
TMV-HI TRACOPOWER-TMV-HI Datasheet
1,007Kb / 4P
   DC/DC Converter TMV-HI Series, 1 Watt
Rev. November 30, 2022
logo
Vectron International, ...
C499 VECTRON-C499 Datasheet
207Kb / 15P
   Hi-Rel Standard OCXO
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com