Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3636 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT3636
Description  6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3636 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT3636 Datasheet HTML 4Page - Catalyst Semiconductor CAT3636 Datasheet HTML 5Page - Catalyst Semiconductor CAT3636 Datasheet HTML 6Page - Catalyst Semiconductor CAT3636 Datasheet HTML 7Page - Catalyst Semiconductor CAT3636 Datasheet HTML 8Page - Catalyst Semiconductor CAT3636 Datasheet HTML 9Page - Catalyst Semiconductor CAT3636 Datasheet HTML 10Page - Catalyst Semiconductor CAT3636 Datasheet HTML 11Page - Catalyst Semiconductor CAT3636 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CAT3636
Doc. No. MD-5020 Rev. D
8
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
BLOCK DIAGRAM
Mode Control
0.8, 1.1MHz
Oscillator
Current
Setting DAC
Serial
Interface
Registers
Referece
Voltage
1x mode (LDO)
1.33x, 1.5x, 2x Charge Pump
VIN
C1-
C2-
C1+
C2+
VOUT
EN/SET
100kΩ
GND
LEDA1
LEDA2
LEDB1
LEDB2
6 Current
Sink Regulators
LEDC1
LEDC2
Figure 2. CAT3636 Functional Block Diagram
BASIC OPERATION
At power-up, the CAT3636 starts operating in 1x
mode where the output will be approximately equal to
the input supply voltage (less any internal voltage
losses). If the output voltage is sufficient to regulate all
LED currents, the device remains in 1x operating
mode.
If the input voltage is insufficient or falls to a level
wher e the regulated currents cannot be maintained,
the device automatically switches into 1.33x mode
(after a fixed delay time of about 400μs). In 1.33x
mode, the output voltage is approximately equal to
1.33 times the input supply voltage (less any internal
voltage losses).
If the input voltage is insufficient again or falls to a
level where the regulated currents cannot be
maintained, the device will automatically switch to the
1.5x boost mode (after a fixed delay time of about
400μs). In 1.5x mode, the output is approximately
equal to 1.5 times the input supply voltage (less any
internal voltage losses).
If the input voltage fails more or is still insufficient to
drive the LEDs, it will automatically switch again into
2x mode where the output is approximately equal to 2
times the input supply voltage (less any internal
voltage losses).
If the device detects a sufficient input voltage is
present to drive all LED currents in 1x mode, it will
change automatically back to 1x mode. This only
applies for changing back to the 1x mode


Similar Part No. - CAT3636

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3636 CATALYST-CAT3636 Datasheet
436Kb / 15P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
logo
ON Semiconductor
CAT3636 ONSEMI-CAT3636 Datasheet
266Kb / 14P
   6-Channel Quad-Mode Fractional LED Driver in TQFN 3x3
May, 2010 ??Rev. 7
CAT3636HV3-GT2 ONSEMI-CAT3636HV3-GT2 Datasheet
266Kb / 14P
   6-Channel Quad-Mode Fractional LED Driver in TQFN 3x3
May, 2010 ??Rev. 7
logo
Catalyst Semiconductor
CAT3636HV3-T2 CATALYST-CAT3636HV3-T2 Datasheet
398Kb / 16P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
logo
ON Semiconductor
CAT3636HV3-T2 ONSEMI-CAT3636HV3-T2 Datasheet
328Kb / 16P
   6-Channel Quad-Mode Fractional LED Driver in TQFN3x3
Doc. No. MD-5020 Rev. F
More results

Similar Description - CAT3636

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3636 CATALYST-CAT3636_07 Datasheet
398Kb / 16P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
CAT3636 CATALYST-CAT3636 Datasheet
436Kb / 15P
   6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
logo
ON Semiconductor
CAT3636HV3-T2 ONSEMI-CAT3636HV3-T2 Datasheet
328Kb / 16P
   6-Channel Quad-Mode Fractional LED Driver in TQFN3x3
Doc. No. MD-5020 Rev. F
CAT3636 ONSEMI-CAT3636 Datasheet
266Kb / 14P
   6-Channel Quad-Mode Fractional LED Driver in TQFN 3x3
May, 2010 ??Rev. 7
CAT4106 ONSEMI-CAT4106_14 Datasheet
219Kb / 15P
   6 W Quad Channel DC/DC LED Driver
June, 2014 ??Rev. 4
CAT3637HV3-GT2 ONSEMI-CAT3637HV3-GT2 Datasheet
270Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode LED Driver
Doc. No. MD-5033 Rev. C
CAT3637 ONSEMI-CAT3637 Datasheet
227Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3637 CATALYST-CAT3637 Datasheet
283Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode??LED Driver
logo
Intersil Corporation
ISL97672 INTERSIL-ISL97672_10 Datasheet
380Kb / 17P
   6-Channel LED Driver
logo
Renesas Technology Corp
ISL97672 RENESAS-ISL97672 Datasheet
919Kb / 17P
   6-Channel LED Driver
Sep 8, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com