Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3626HV4-GT2 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT3626HV4-GT2
Description  6-Channel LED Driver with I2C??Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3626HV4-GT2 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT3626HV4-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT3626HV4-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT3626HV4-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT3626HV4-GT2 Datasheet HTML 9Page - Catalyst Semiconductor CAT3626HV4-GT2 Datasheet HTML 10Page - Catalyst Semiconductor CAT3626HV4-GT2 Datasheet HTML 11Page - Catalyst Semiconductor CAT3626HV4-GT2 Datasheet HTML 12Page - Catalyst Semiconductor CAT3626HV4-GT2 Datasheet HTML 13Page - Catalyst Semiconductor CAT3626HV4-GT2 Datasheet HTML 14Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CAT3626
Doc. No. MD-5014 Rev. D
10
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Table 1. Register address and data configuration
(1)
Bit pattern
Register
name
Register
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RegA
0
X
X
RegB
1
X
X
RegC
2
X
X
See Table 2 for values
RegEn
3
X
X
LEDC2
On = 1
Off = 0
LEDC1
On = 1
Off = 0
LEDB2
On = 1
Off = 0
LEDB1
On = 1
Off = 0
LEDA2
On = 1
Off = 0
LEDA1
On = 1
Off = 0
The table 2 lists the various LED currents with the associated RegA, RegB, and RegC register values.
Table 2. LED Current Selection and Register Value
(1)
LED
current
(mA)
D7
D6
D5
D4
D3
D2
D1
D0
Dec
LED
current
(mA)
D7
D6
D5
D4
D3
D2
D1
D0
Dec
0.5
X
X
0
0
0
0
0
0
0
16.5
X
X
1
0
0
0
0
0
32
1.0
X
X
0
0
0
0
0
1
1
17.0
X
X
1
0
0
0
0
1
33
1.5
X
X
0
0
0
0
1
0
2
17.5
X
X
1
0
0
0
1
0
34
2.0
X
X
0
0
0
0
1
1
3
18.0
X
X
1
0
0
0
1
1
35
2.5
X
X
0
0
0
1
0
0
4
18.5
X
X
1
0
0
1
0
0
36
3.0
X
X
0
0
0
1
0
1
5
19.0
X
X
1
0
0
1
0
1
37
3.5
X
X
0
0
0
1
1
0
6
19.5
X
X
1
0
0
1
1
0
38
4.0
X
X
0
0
0
1
1
1
7
20.0
X
X
1
0
0
1
1
1
39
4.5
X
X
0
0
1
0
0
0
8
20.5
X
X
1
0
1
0
0
0
40
5.0
X
X
0
0
1
0
0
1
9
21.0
X
X
1
0
1
0
0
1
41
5.5
X
X
0
0
1
0
1
0
10
21.5
X
X
1
0
1
0
1
0
42
6.0
X
X
0
0
1
0
1
1
11
22.0
X
X
1
0
1
0
1
1
43
6.5
X
X
0
0
1
1
0
0
12
22.5
X
X
1
0
1
1
0
0
44
7.0
X
X
0
0
1
1
0
1
13
23.0
X
X
1
0
1
1
0
1
45
7.5
X
X
0
0
1
1
1
0
14
23.5
X
X
1
0
1
1
1
0
46
8.0
X
X
0
0
1
1
1
1
15
24.0
X
X
1
0
1
1
1
1
47
8.5
X
X
0
1
0
0
0
0
16
24.5
X
X
1
1
0
0
0
0
48
9.0
X
X
0
1
0
0
0
1
17
25.0
X
X
1
1
0
0
0
1
49
9.5
X
X
0
1
0
0
1
0
18
25.5
X
X
1
1
0
0
1
0
50
10.0
X
X
0
1
0
0
1
1
19
26.0
X
X
1
1
0
0
1
1
51
10.5
X
X
0
1
0
1
0
0
20
26.5
X
X
1
1
0
1
0
0
52
11.0
X
X
0
1
0
1
0
1
21
27.0
X
X
1
1
0
1
0
1
53
11.5
X
X
0
1
0
1
1
0
22
27.5
X
X
1
1
0
1
1
0
54
12.0
X
X
0
1
0
1
1
1
23
28.0
X
X
1
1
0
1
1
1
55
12.5
X
X
0
1
1
0
0
0
24
28.5
X
X
1
1
1
0
0
0
56
13.0
X
X
0
1
1
0
0
1
25
29.0
X
X
1
1
1
0
0
1
57
13.5
X
X
0
1
1
0
1
0
26
29.5
X
X
1
1
1
0
1
0
58
14.0
X
X
0
1
1
0
1
1
27
30.0
X
X
1
1
1
0
1
1
59
14.5
X
X
0
1
1
1
0
0
28
30.5
X
X
1
1
1
1
0
0
60
15.0
X
X
0
1
1
1
0
1
29
31.0
X
X
1
1
1
1
0
1
61
15.5
X
X
0
1
1
1
1
0
30
31.5
X
X
1
1
1
1
1
0
62
16.0
X
X
0
1
1
1
1
1
31
32.0
X
X
1
1
1
1
1
1
63
Notes:
(1) X = not used
1 = logic high
0 = logic low


Similar Part No. - CAT3626HV4-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3626HV4-GT2 ONSEMI-CAT3626HV4-GT2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
CAT3626HV4-GT2 ONSEMI-CAT3626HV4-GT2 Datasheet
192Kb / 16P
   6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
More results

Similar Description - CAT3626HV4-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
ON Semiconductor
CAT3626 ONSEMI-CAT3626 Datasheet
192Kb / 16P
   6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
logo
ATMEL Corporation
MSLB9061 ATMEL-MSLB9061 Datasheet
1Mb / 16P
   Compact, 6-channel LED Driver Board with I2C Interface
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
ATMEL Corporation
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
   Compact, 8-channel, 20W LED Driver Board with I2C Interface
logo
Monolithic Power System...
MP3332 MPS-MP3332 Datasheet
1Mb / 27P
   Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com