Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2726GT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2726GT
Description  5- to 10-Cell Li Protector with Cell Balancing
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2726GT Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2726GT Datasheet HTML 1Page - Maxim Integrated Products DS2726GT Datasheet HTML 2Page - Maxim Integrated Products DS2726GT Datasheet HTML 3Page - Maxim Integrated Products DS2726GT Datasheet HTML 4Page - Maxim Integrated Products DS2726GT Datasheet HTML 5Page - Maxim Integrated Products DS2726GT Datasheet HTML 6Page - Maxim Integrated Products DS2726GT Datasheet HTML 7Page - Maxim Integrated Products DS2726GT Datasheet HTML 8Page - Maxim Integrated Products DS2726GT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
5- to 10-Cell Li+ Protector with Cell Balancing
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(TA = -20°C to +85°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on V00–V10, PKP,
RDOC, RSC Pins Relative to GND .....................-0.3V to +60V
Voltage Range on DC Pin Relative to VIN ..............-12V to +0.3V
Voltage Range on CC Pin Relative to PKP .............-12V to +0.3V
Voltage Range on CSCD, SEL0, SEL1,
OVS0, OVS1, CBS0, CBS1, SLEEP,
CBCFG, VCC Pins Relative to GND ...................-0.3V to +6.0V
Human Body Model (HBM) ESD Limit of
V05–V09 Pins ...................................................................500V
All Other Pins......................................................................2kV
Voltage Range on Any Vx to Vx-1 (V10 to V09).......-0.3V to +12V
Continuous Power Dissipation (TA = +70°C)
32-Pin, 7mm x 7mm Thin QFN
(derate 37mW/°C above +70°C) ................................2963mW
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature...........................Refer to the IPC/JEDEC
J-STD-020 Specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Range
VIN
(Notes 1, 2, 3, 4)
5
50
V
Input Range: SEL0, SEL1, OVS0,
OVS1, CBS0, CBS1, CSCD,
CDOCD, SLEEP, CBCFG
(Note 1)
-0.3
VCC +
0.3
V
DC ELECTRICAL CHARACTERISTICS
(TA = -20°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IDD
Protector mode, no fault (Notes 4, 9)
70
90
IDD_BAL
Load balancing (Note 11)
400
Supply Current
ISLEEP
Sleep mode
5.0
7.5
μA
V00–V10 Leakage Current
All cell voltages = 4.2V (Note 10)
-2
+2
μA
Input Logic-High: SEL0, SEL1,
OVS0, OVS1, CBS0, CBS1,
SLEEP
VIH
ILOAD = 2μA (Notes 1, 5)
VCC -
0.4
V
Input Logic-Mid: SEL0, SEL1,
OVS0, OVS1, CBS0, CBS1,
SLEEP
VIM
ILOAD = 0 (Notes 1, 5)
1.30
1.65
2.00
V
Input Logic-Low: SEL0, SEL1,
OVS0, OVS1, CBS0, CBS1,
SLEEP
VIL
ILOAD = -2μA (Notes 1, 5)
GND +
0.4
V
VCC Output Voltage
ILOAD = 1mA (Notes 1, 5, 8)
4.75
5.00
5.25
V
VCC Dropout Voltage
(Note 6)
5.5
V
Output Low: CC
VOLCC
IOL = -100μA, VPKP
13V (Notes 3, 5)
PKP - 12
PKP - 8
V
CC = VOLCC + 2V
-3
-1
Output Low: CC Driver Current
CC = VOHCC - 1V
-15
-7
mA


Similar Part No. - DS2726GT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2726G++ MAXIM-DS2726G+ Datasheet
290Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
Rev 2; 1/09
DS2726G++ MAXIM-DS2726G+ Datasheet
288Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
2010
DS2726G+TR MAXIM-DS2726G+TR Datasheet
290Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
Rev 2; 1/09
DS2726G+TR MAXIM-DS2726G+TR Datasheet
288Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
2010
More results

Similar Description - DS2726GT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2726 MAXIM-DS2726_09 Datasheet
290Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
Rev 2; 1/09
DS2726 MAXIM-DS2726_V01 Datasheet
288Kb / 16P
   5-Cell to 10-Cell Li Protector with Cell Balancing
2010
logo
Texas Instruments
BQ76PL102 TI-BQ76PL102 Datasheet
979Kb / 18P
[Old version datasheet]   PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
logo
Eutech Microelectronics...
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
   LI-ION/POLYMER ONE CELL PROTECTOR
EUP9232 EUTECH-EUP9232 Datasheet
545Kb / 20P
   LI-ION/POLYMER TWO CELL PROTECTOR
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_17 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ6400 TI-BQ6400 Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
logo
Linear Technology
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com