Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3614 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT3614
Description  4-Channel 1-Wire LED Driver in 3 x 3mm Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3614 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT3614_08 Datasheet HTML 1Page - Catalyst Semiconductor CAT3614_08 Datasheet HTML 2Page - Catalyst Semiconductor CAT3614_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT3614_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT3614_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT3614_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT3614_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT3614_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT3614_08 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CAT3614
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-5035, Rev.B
Characteristics subject to change without notice
4-Channel 1-Wire LED Driver in 3 x 3mm Package
FEATURES
Drives up to 4 LED channels
1-wire EZDim
TM
Programmable LED Current
Accurate 1mA Dimming Level
Power efficiency up to 91%
Fractional pump 1x/1.5x
Low noise input ripple
Fixed High Frequency Operation 1MHz
“Zero” Current Shutdown Mode
Soft start and current limiting
Short circuit protection
Thermal shutdown protection
TDFN 12-pad 3mm x 3mm package
APPLICATIONS
LCD Display Backlight
Cellular Phones
Digital Still Cameras
Handheld Devices
ORDERING INFORMATION
Part Number
Package
Quantity
per Reel
Package
Marking
CAT3614HV2-T2
TDFN-12
(1)
2000
HAAA
CAT3614HV2-GT2 TDFN-12
(2)
2000
HAAC
Notes: (1) Matte-Tin Plated Finish (RoHS-compliant).
(2) NiPdAu Plated Finish (RoHS-compliant).
DESCRIPTION
The CAT3614 is a high efficiency 1x/1.5x fractional
charge pump with programmable dimming current in
four LED channels. To ensure uniform brightness in
LCD backlight applications, each LED channel
delivers an accurate regulated current.
Low noise and input ripple is achieved by operating
at a constant switching frequency of 1MHz which
allows the use of small external ceramic capacitors.
The 1x/1.5x fractional charge pump supports a wide
range of input voltages from 3V to 5.5V with
efficiency up to 91%, and is ideal for Li-Ion battery
powered devices.
The EN/DIM logic input provides a 1-wire EZDim
TM
interface for dimming control of the LEDs. When
enabled, a series of clock pulses reduces the LED
brightness in 1mA steps on each negative going
edge. Currents from 0mA to 31mA are supported.
The device is available in the tiny 12-pad TDFN
3 x 3mm package with a max height of 0.8mm.
For Ordering Information details, see page 12.
PIN CONFIGURATION
TDFN 12-Pad 3 x 3mm
(Top View)
TYPICAL APPLICATION CIRCUIT
Note:
Unused LED channels must be connected to VOUT.
1
3
4
6
12
9
7
VIN
C1-
C2-
GND
VOUT
211
C1+
EN/DIM
58
C2+
LED2
LED4
LED3
LED1
10
GND
VIN
3V to
5.5V
20mA
LED2
LED3
LED1
LED4
EN/DIM
CAT3614
VIN
VOUT
VOUT
1µF
1µF
CIN
C1-
C1+
C2-
C2+
1µF
1µF
COUT
ENABLE/
DIMMING


Similar Part No. - CAT3614_08

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3614HS2-T2 CATALYST-CAT3614HS2-T2 Datasheet
452Kb / 12P
   4-Channel 1-Wire LED Driver in 3x3mm Package
logo
ON Semiconductor
CAT3614HV2-GT2 ONSEMI-CAT3614HV2-GT2 Datasheet
164Kb / 12P
   4-Channel 1-Wire LED Driver in 3 x 3 mm Package
April, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT3614HV2-T2 CATALYST-CAT3614HV2-T2 Datasheet
452Kb / 12P
   4-Channel 1-Wire LED Driver in 3x3mm Package
logo
ON Semiconductor
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
197Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
Doc. No. MD-5035, Rev.C
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
164Kb / 12P
   4-Channel 1-Wire LED Driver in 3 x 3 mm Package
April, 2010 ??Rev. 2
More results

Similar Description - CAT3614_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
197Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
Doc. No. MD-5035, Rev.C
CAT3614 ONSEMI-CAT3614 Datasheet
164Kb / 12P
   4-Channel 1-Wire LED Driver in 3 x 3 mm Package
April, 2010 ??Rev. 2
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
381Kb / 12P
   3-Channel LED Driver in 3 x 3mm Package
Doc. No. MD-5017 Rev. F
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614 Datasheet
452Kb / 12P
   4-Channel 1-Wire LED Driver in 3x3mm Package
logo
ON Semiconductor
CAT3603 ONSEMI-CAT3603 Datasheet
168Kb / 11P
   3-Channel LED Driver in 3 x 3 mm Package
January, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT3603 CATALYST-CAT3603 Datasheet
510Kb / 12P
   3-Channel LED Driver in 3x3mm Package
logo
Vishay Siliconix
TLHW490 VISHAY-TLHW490 Datasheet
183Kb / 6P
   White LED in 3mm T 1 Waterclear Package
Rev. 1.2, 31-Aug-04
logo
Linear Technology
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
logo
Everlight Electronics C...
EAILP03RDAB1 EVERLIGHT-EAILP03RDAB1 Datasheet
260Kb / 9P
   3mm Infrared LED,T-1 3/4
logo
Monolithic Power System...
MP2615B MPS-MP2615B Datasheet
881Kb / 20P
   2A, 1 Cell Li-ion Battery Charger In 3mm x 3mm Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com