Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3612 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT3612
Description  Programmable 300mA Camera Flash LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3612 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT3612_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT3612_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT3612_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT3612_08 Datasheet HTML 9Page - Catalyst Semiconductor CAT3612_08 Datasheet HTML 10Page - Catalyst Semiconductor CAT3612_08 Datasheet HTML 11Page - Catalyst Semiconductor CAT3612_08 Datasheet HTML 12Page - Catalyst Semiconductor CAT3612_08 Datasheet HTML 13Page - Catalyst Semiconductor CAT3612_08 Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CAT3612
© Catalyst Semiconductor, Inc.
11
Doc. No. MD-5016 Rev. B
Characteristics subject to change without notice
Protection Mode
If an LED becomes open-circuit, the output voltage
VOUT is internally limited to about 5.5V. This is to
prevent the output pin from exceeding its absolute
maximum rating.
The driver enters a thermal shutdown mode as soon
as the die temperature exceeds about +165ºC. When
the device temperature drops down by about 20ºC,
the device resumes normal operation.
External Components
The driver requires a total of four external 1
μF
ceramic capacitors: two for decoupling input and
output, and two for the charge pump. Both capacitor
types X5R and X7R are recommended for the LED
driver application. In the 1.5x charge pump mode, the
input current ripple is kept very low by design, and an
input bypass capacitor of 1
μF is sufficient. In 1x mode,
the device operating in linear mode does not introduce
switching noise back onto the supply.
Recommended Layout
In 1.5x charge pump mode, the driver switches
internally at a high frequency of 1MHz. It is
recommended to minimize trace length to all four
capacitors. A ground plane should cover the area
under the driver IC as well as the bypass capacitors.
Short connection to ground on capacitors Cin and
Cout can be implemented with the use of multiple via.
A copper area matching the TDFN exposed pad
(GND) must be connected to the ground plane
underneath. The use of multiple via improves the
package heat dissipation.
Figure 5. Recommended Layout


Similar Part No. - CAT3612_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3612HV2-GT2 ONSEMI-CAT3612HV2-GT2 Datasheet
171Kb / 13P
   Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT3612HV2-T2 CATALYST-CAT3612HV2-T2 Datasheet
450Kb / 13P
   Programmable 300mA Camera Flash LED Driver
logo
ON Semiconductor
CAT3612HV2-T2 ONSEMI-CAT3612HV2-T2 Datasheet
171Kb / 13P
   Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
More results

Similar Description - CAT3612_08

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3612 CATALYST-CAT3612 Datasheet
450Kb / 13P
   Programmable 300mA Camera Flash LED Driver
logo
ON Semiconductor
CAT3612 ONSEMI-CAT3612 Datasheet
171Kb / 13P
   Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
logo
Rohm
BD6164GUT ROHM-BD6164GUT Datasheet
558Kb / 21P
   320mA LED Camera Flash Driver
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
ON Semiconductor
NCP6951B ONSEMI-NCP6951B Datasheet
429Kb / 35P
   Camera PMIC with Flash LED Driver
November, 2015 ??Rev. 0
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
   Charge Pump LED Driver For Camera Flash
logo
Rohm
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
logo
Skyworks Solutions Inc.
AAT1282 SKYWORKS-AAT1282 Datasheet
3Mb / 22P
   2A Driver for High Intensity LED Camera Flash
logo
Diodes Incorporated
AL3644 DIODES-AL3644 Datasheet
792Kb / 23P
   DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
July 2019
logo
Texas Instruments
LM3644 TI1-LM3644 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 1.5A Current Source Camera Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com