Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7404 Datasheet(PDF) 10 Page - STMicroelectronics

Part # 7404
Description  TRIPLE VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7404 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 7404 Datasheet HTML 3Page - STMicroelectronics 7404 Datasheet HTML 4Page - STMicroelectronics 7404 Datasheet HTML 5Page - STMicroelectronics 7404 Datasheet HTML 6Page - STMicroelectronics 7404 Datasheet HTML 7Page - STMicroelectronics 7404 Datasheet HTML 8Page - STMicroelectronics 7404 Datasheet HTML 9Page - STMicroelectronics 7404 Datasheet HTML 10Page - STMicroelectronics 7404 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ST3M01
10/11
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C0.5
0.019
c1
45 (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M0.68
0.026
S8 (max.)
P013G
SO-14 MECHANICAL DATA


Similar Part No. - 7404

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7404 ETC-7404 Datasheet
178Kb / 1P
   Package contains six inverters
logo
STMicroelectronics
7404 STMICROELECTRONICS-7404 Datasheet
232Kb / 9P
   HEX INVERTER
December 1992
logo
Bourns Electronic Solut...
7404-RC BOURNS-7404-RC Datasheet
89Kb / 1P
   Common Mode Inductors/EMI Filters
logo
Myrra
74040 MYRRA-74040 Datasheet
123Kb / 1P
   FLYBACK TRANSFORMER
logo
Molex Electronics Ltd.
74040-1343 MOLEX8-74040-1343 Datasheet
247Kb / 3P
   2.00mm (.079") Pitch 8-Row VHDM??DaugherCard, 25 Wafers, 200 Circuits, Tin LeadGuide Module
More results

Similar Description - 7404

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3L01K7R STMICROELECTRONICS-ST3L01K7R Datasheet
571Kb / 12P
   TRIPLE VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4471 INFINEON-TLE4471 Datasheet
217Kb / 26P
   Triple Voltage Regulator
Rev. 1.1 2001-09-06
TLE4471 INFINEON-TLE4471_09 Datasheet
425Kb / 24P
   Triple Voltage Regulator
Rev. 1.6, 2009-02-03
TLE4418G INFINEON-TLE4418G Datasheet
85Kb / 10P
   Triple Voltage Regulator
Rev. 0.1 2001-12-10
logo
STMicroelectronics
ST3L01 STMICROELECTRONICS-ST3L01 Datasheet
542Kb / 12P
   TRIPLE VOLTAGE REGULATOR
March 2002
logo
Interpion semiconductor
IP1532 INTERPION-IP1532 Datasheet
422Kb / 16P
   TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
IP1531 INTERPION-IP1531 Datasheet
244Kb / 13P
   TRIPLE OUTPUT VOLTAGE LDO REGULATOR
logo
Linear Technology
LTM4615 LINER-LTM4615_15 Datasheet
524Kb / 24P
   Triple Output, Low Voltage DC/DC Module Regulator
logo
KEC(Korea Electronics)
KTC4520F KEC-KTC4520F Datasheet
375Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
logo
Linear Technology
LTM4615 LINER-LTM4615 Datasheet
413Kb / 24P
   Triple Output, Low Voltage DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com