Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSANC-5S15D Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSANC-5S15D
Description  15 Watt Single, Dual, and Triple Outputs AC/DC Converter for PCB Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSANC-5S15D Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSANC-5S15D Datasheet HTML 1Page - Wall Industries,Inc. PSANC-5S15D Datasheet HTML 2Page - Wall Industries,Inc. PSANC-5S15D Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSANC Series
15 Watt
Single, Dual, and Triple Outputs
AC/DC Converter for PCB Mount
MECHANICAL DRAWING
PIN CONNECTIONS
PIN #
SINGLE
DUAL
TRIPLE
1
FG
FG
FG
2
AC IN
AC IN
AC IN
3
AC IN
AC IN
AC IN
4
NO PIN
NO PIN
-DC OUT
5
-DC OUT
-DC OUT
COMMON
6
NO PIN
COMMON
+DC OUT
7
+DC OUT
+DC OUT
COMMON
8
NO PIN
NO PIN
+5V OUT


Similar Part No. - PSANC-5S15D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSANCN WALL-PSANCN Datasheet
843Kb / 6P
   AC/DC Switching Power Supplies
PSANCN-12S WALL-PSANCN-12S Datasheet
843Kb / 6P
   AC/DC Switching Power Supplies
PSANCN-15S WALL-PSANCN-15S Datasheet
843Kb / 6P
   AC/DC Switching Power Supplies
PSANCN-24S WALL-PSANCN-24S Datasheet
843Kb / 6P
   AC/DC Switching Power Supplies
PSANCN-5S WALL-PSANCN-5S Datasheet
843Kb / 6P
   AC/DC Switching Power Supplies
More results

Similar Description - PSANC-5S15D

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
FDC15-24S05 VOLGEN-FDC15-24S05 Datasheet
238Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
List of Unclassifed Man...
FDC15-24S05 ETC-FDC15-24S05 Datasheet
174Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Recom International Pow...
RPM15-249.5S-DFW RECOM-RPM15-249.5S-DFW Datasheet
924Kb / 5P
   15-60 Watt Single, Dual & Triple Outputs
logo
Wall Industries,Inc.
MSKUW WALL-MSKUW Datasheet
229Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs
DCMFPU01H WALL-DCMFPU01H Datasheet
347Kb / 5P
   1 Watt DC/DC Converter Single and Dual Outputs
YFW WALL-YFW Datasheet
477Kb / 7P
   20 Watts DC/DC Converter Single, Dual, and Triple Outputs
logo
Artesyn Technologies
PM300CE ARTESYN-PM300CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM300 ARTESYN-PM300 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
logo
Wall Industries,Inc.
PSASC WALL-PSASC Datasheet
146Kb / 3P
   30 Watt Encapsulated PCB Mount Single, Dual, and Triple Output AC/DC Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com