Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8132NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # T8132NL
Description  8 X 2 LINE COMMON MODE CHOKES Designed for Quad Port T1/E1 Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T8132NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  T8132NL Datasheet HTML 1Page - Pulse A Technitrol Company T8132NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8 X 2 LINE
COMMON MODE CHOKES
Designed for Quad Port T1/E1 Applications
Mechanical
Schematic
T8008 / T8008NL
DATE CODE
1.125 MAX
28,58
.640 MAX
16,26
.950
24,13
40X .018
0,46
19X .050
1,27
.004/0,10
40 Surfaces
.010
0,25
SUGGESTED PAD LAYOUT
40X .090
2,29
40X .030
0,77
.480
12,19
.050
1,27
19X .050 = .950
1,27
24,13
0° – 8°
.485
12,32
40X .045
1,14
.230 MAX
5,84
T8008/T8008NL
Weight . . . . . . . . . . . . . .4.0 grams
Tape & Reel . . . . . . . . . . . .250/reel
Tube . . . . . . . . . . . . . . . . . .15/tube
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
1
40
2
39
3
38
5
36
6
35
7
34
8
33
31
30
29
28
26
25
24
23
21
10
11
12
13
15
16
17
18
20
Primary
Standard
RoHS-6
Inductance
Common Mode Attenuation
Part
Compliant
No. of
OCL
(dB TYP)
DCR
Number
Part No.
Lines
(µH MIN)
(
Ω MAX)
100kHz
1MHz
10MHz
30MHz
50MHz
100MHz
300MHz
500MHz
T8008
T8008NL
16
47
13
27
40
44
42
36
26
15
0.40
T8132
T8132NL
16
47
13
29
43
44
42
35
24
15
0.40
Electrical Specifications @ 25°C — Operating Temperature -40°C to +85°C
For Quad Port T1/E1 applications
Meets high performance EMI reduction required for
Multiplexers, Channel Routers and ISP Servers
Common mode attenuation from 100kHz to 500MHz
Tape & Reel and Tube packaging available
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 85538070 •• Taiwan 886 3 4641811
www.pulseeng.com
T627.D (4/06)


Similar Part No. - T8132NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T8132NL PULSE-T8132NL Datasheet
253Kb / 2P
   8x2 LINE COMMON MODECHOKES
More results

Similar Description - T8132NL

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
COJ-16-470 TALEMA-COJ-16-470 Datasheet
44Kb / 1P
   Common Mode Octal Chokes for Quad Port T1/E1
COJ-16-470 TALEMA-COJ-16-470_1 Datasheet
44Kb / 1P
   Common Mode Octal Chokes for Quad Port T1/E1
COJ-16-502 TALEMA-COJ-16-502 Datasheet
44Kb / 1P
   Common Mode Octal Chokes for Quad Port T1/E1
logo
XFMRS Inc.
XF0506Q1 XFMRS-XF0506Q1 Datasheet
48Kb / 1P
   T1/E1 8x2 Line Common Mode Choke
XF0506Q1 XFMRS-XF0506Q1 Datasheet
88Kb / 1P
   T1/E1 8x2 Line Common Mode Choke
logo
Rhombus Industries Inc.
T-16119 RHOMBUS-IND-T-16119 Datasheet
23Kb / 1P
   QUAD PORT T1/E1
logo
XFMRS Inc.
XF00137A-32S XFMRS-XF00137A-32S_10 Datasheet
46Kb / 1P
   T1/E1/ QUAD PORT
logo
Filtran LTD
8150 FILTRAN-8150 Datasheet
268Kb / 2P
   T1/CEPT Quad Port T1/E1
logo
XFMRS Inc.
XF0013Q1B XFMRS-XF0013Q1B_15 Datasheet
61Kb / 1P
   T1/E1/CEPT QUAD PORT
XF0013Q5C XFMRS-XF0013Q5C Datasheet
51Kb / 1P
   T1/E1/CEPT QUAD PORT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com