Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4899AEETE+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4899AEETE+
Description  USB 2.0 High-Speed, Fault-Tolerant 3:1, 4:1 Multiplexers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4899AEETE+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4899AEETE+ Datasheet HTML 1Page - Maxim Integrated Products MAX4899AEETE+ Datasheet HTML 2Page - Maxim Integrated Products MAX4899AEETE+ Datasheet HTML 3Page - Maxim Integrated Products MAX4899AEETE+ Datasheet HTML 4Page - Maxim Integrated Products MAX4899AEETE+ Datasheet HTML 5Page - Maxim Integrated Products MAX4899AEETE+ Datasheet HTML 6Page - Maxim Integrated Products MAX4899AEETE+ Datasheet HTML 7Page - Maxim Integrated Products MAX4899AEETE+ Datasheet HTML 8Page - Maxim Integrated Products MAX4899AEETE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
USB 2.0 High-Speed, Fault-Tolerant 3:1, 4:1
Multiplexers
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SWITCH AC PERFORMANCE (Note 3)
On-Loss
ONLOSS
f = 10MHz, 0 < VIN < 1V, Figure 1
0.5
dB
Crosstalk
VCT1,
VDCT1
f = 50MHz, Figure 1
-50
dB
Off-Isolation
VISO
f = 50MHz, Figure 1
-45
dB
Charge-Pump Noise
VQP
COMA_, USB_, RL = RS = 50
Ω (Note 4)
100
µV
Bandwidth -3dB
BW
RS = RL = unbalanced 50
Ω
425
MHz
Off-Capacitance
COFF
f = 1MHz, COMA_, USB_, Figure 2
10.5
pF
On-Capacitance
CON
f = 1MHz, COMA_, USB_, Figure 2
15
pF
Propagation Delay
tPD
RL = RS = 50
Ω, Figure 3
200
ps
Output Skew Same Switch
tSK
Skew between opposite transitions in same
switch, Figure 3
100
ps
Fault-Protection Response Time
tFP
VCOMA_ = 0V to 5V to VUSB__ = 2.5V, RL =
50
Ω, CL = 10pF, Figure 4
1µs
Fault-Protection Recovery Time
tFPR
VCOMA_ = 5V to 3V to VUSB__ = 1.5V, RL =
50
Ω, CL = 10pF, Figure 4
1µs
Charge Injection
Q
VGEN = 0, CL = 1000pF, Figure 5
25
pC
Enable Turn-On Time
tON
VUSB0+ = V+, RL = 50
Ω, CL = 10pF, Figure 6
2.8
µs
Enable Turn-Off Time
tOFF
VUSB0+ = V+, RL = 50
Ω, CL = 10pF, Figure 6
3
ns
Address Transition Time
tTRANS
VUSB0+ = V+, RL = 50
Ω, CL = 10pF, Figure 7
1.2
µs
Total Harmonic Distortion Plus
Noise
THD+N
f = 20Hz to 20kHz, VCOMA_ = 1VP-P, RL =
600
Ω
0.02
%
SWITCH LOGIC (
QP, EN, C0, C1)
Logic-Input Voltage Low
VIL
0.4
V
Logic-Input Voltage High
VIH
1.4
V
Input Logic Hysteresis
VHYST
100
mV
Input Leakage Current
ILEAK
V+ = 3.6V, C0 = 0 or V+, C1 = 0 or V+
-1
1
µA
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +2.7V to +3.6V, TA = -40°C to +85°C, QP = low, EN = low, unless otherwise noted. Typical values are at V+ = +3.3V and TA =
+25°C.) (Note 2)
Note 2: Limits at -40°C are guaranteed by design.
Note 3: Guaranteed by design.
Note 4: Charge-pump noise is specified as a peak-to-peak value.


Similar Part No. - MAX4899AEETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX489 MAXIM-MAX489 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX489 MAXIM-MAX489 Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX489 MAXIM-MAX489 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
MAX489 TGS-MAX489 Datasheet
450Kb / 18P
   LOW-POWER SLEW-RATE-LIMITED RS-485/422 TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX489 MAXIM-MAX489 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results

Similar Description - MAX4899AEETE+

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
logo
Analog Devices
ADG5208F AD-ADG5208F Datasheet
635Kb / 27P
   Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
ADG5208F AD-ADG5208F_V01 Datasheet
544Kb / 27P
   Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
logo
Maxim Integrated Produc...
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
logo
Axiomtek Co., Ltd.
P1177E-842 AXIOMTEK-P1177E-842 Datasheet
381Kb / 2P
   1 USB 3.0, 3 USB 2.0 and 4 COM ports
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com