Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2132D Datasheet(PDF) 11 Page - International Rectifier

Part # IRS2132D
Description  3-PHASE BRIDGE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2132D Datasheet(HTML) 11 Page - International Rectifier

Back Button IRS2132D Datasheet HTML 7Page - International Rectifier IRS2132D Datasheet HTML 8Page - International Rectifier IRS2132D Datasheet HTML 9Page - International Rectifier IRS2132D Datasheet HTML 10Page - International Rectifier IRS2132D Datasheet HTML 11Page - International Rectifier IRS2132D Datasheet HTML 12Page - International Rectifier IRS2132D Datasheet HTML 13Page - International Rectifier IRS2132D Datasheet HTML 14Page - International Rectifier IRS2132D Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.irf.com
11
IRS2130D/IRS21303D/IRS2132D (J&S)PbF
1 Features Description
1.1 Integrated Bootstrap Functionality
The IRS213(0,03,2)D family embeds an integrated
bootstrap FET that allows an alternative drive of the
bootstrap supply for a wide range of applications.
There is one bootstrap FET for each channel and it is
connected between each of the floating supply (VB1,
VB2, VB3) and VCC (see Fig. 7).
The bootstrap FET of each channel follows the state
of the respective low side output stage (i.e., bootFet
is ON when LO is high, it is OFF when LO is low),
unless the VB voltage is higher than approximately
1.1(VCC). In that case the bootstrap FET stays off
until the VB voltage returns below that threshold (see
Fig. 8).
Fig. 7. Simplified BootFet Connection
Vcc=15V
Vth~17V
LO
BootFet
ON
BootFet
OFF
BootFet
ON
Bootstrap FET
state
Phase voltage
Fig. 8. State Diagram
Bootstrap FET is suitable for most PWM modulation
schemes and can be used either in parallel with the
external bootstrap network (diode + resistor) or as a
replacement of it. The use of the integrated bootstrap
as a replacement of the external bootstrap network
may have some limitations in the following situations:
-
when used in non-complementary PWM
schemes (typically 6-step modulations)
-
at a very high PWM duty cycle due to the
bootstrap FET equivalent resistance (RBS,
see page 4).
In these cases, better performances can be achieved
by using the IRS213(0,03,2) non D version with an
external bootstrap network.
2 PCB Layout Tips
2.1 Distance from H to L Voltage
The IRS213(0,03,2)J package lacks some pins (see
page 8) in order to maximizing the distance between
the high voltage and low voltage pins. It’s strongly
recommended to place the components tied to the
floating voltage in the respective high voltage portions
of the device (VB1,2,3, VS1,2,3) side.
2.2 Ground Plane
To minimize noise coupling ground plane must not be
placed under or near the high voltage floating side.
2.3 Gate Drive Loops
Current loops behave like an antenna able to receive
and transmit EM noise (see Fig. 9). In order to reduce
EM coupling and improve the power switch turn on/off
performances, gate drive loops must be reduced as
much as possible. Moreover, current can be injected
inside the gate drive loop via the IGBT collector-to-
gate parasitic capacitance. The parasitic auto-
inductance of the gate loop contributes to develop a
voltage across the gate-emitter increasing the
possibility of self turn-on effect.
gate
resistance
VSX ( Vs0 )
VBX (VCC)
HOX (LOX )
VGE
Gate Drive
Loop
CGC
IGC
Fig. 9. Antenna Loops
2.4 Supply Capacitors
Supply capacitors must be placed as close as
possible to the device pins (VCC and VSS for the
ground tied supply, VB and VS for the floating supply)
in order to minimize parasitic inductance/resistance.
PRELIMINARY


Similar Part No. - IRS2132D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2132 IRF-IRS2132 Datasheet
524Kb / 22P
   3-PHASE BRIDGE DRIVER
IRS2132JPBF IRF-IRS2132JPBF Datasheet
524Kb / 22P
   3-PHASE BRIDGE DRIVER
IRS2132JTRPBF IRF-IRS2132JTRPBF Datasheet
524Kb / 22P
   3-PHASE BRIDGE DRIVER
IRS2132PBF IRF-IRS2132PBF Datasheet
524Kb / 22P
   3-PHASE BRIDGE DRIVER
IRS2132SPBF IRF-IRS2132SPBF Datasheet
524Kb / 22P
   3-PHASE BRIDGE DRIVER
More results

Similar Description - IRS2132D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com