Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT10C55B1P Datasheet(PDF) 1 Page - Micon Design Technology Corporation

Part # MDT10C55B1P
Description  8-bit micro-controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10C55B1P Datasheet(HTML) 1 Page - Micon Design Technology Corporation

  MDT10C55B1P Datasheet HTML 1Page - Micon Design Technology Corporation MDT10C55B1P Datasheet HTML 2Page - Micon Design Technology Corporation MDT10C55B1P Datasheet HTML 3Page - Micon Design Technology Corporation MDT10C55B1P Datasheet HTML 4Page - Micon Design Technology Corporation MDT10C55B1P Datasheet HTML 5Page - Micon Design Technology Corporation MDT10C55B1P Datasheet HTML 6Page - Micon Design Technology Corporation MDT10C55B1P Datasheet HTML 7Page - Micon Design Technology Corporation MDT10C55B1P Datasheet HTML 8Page - Micon Design Technology Corporation MDT10C55B1P Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MDT10C55B
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 1
2006/12
Ver. 1.0
1. General Description
This ROM-Based 8-bit micro-controller uses a fully
static CMOS technology process to achieve higher
speed
and
smaller
size
with
the
low
power
consump-tion and high noise immunity. On chip
memory inclu-des 1K words of ROM, and 72 bytes of
static RAM.
2. Features
The followings are some of the features on the
hardware and software :
Fully CMOS static design
8-bit data bus
On chip ROM size : 1K words
Internal RAM size : 72 bytes
36 single word instructions
14-bit instructions
2-level stacks
Operating voltage : 2.5 V ~ 5.5 V
Operating frequency : 0 ~ 20 MHz
The most fast execution time is 200 ns under
20 MHz in all single cycle instructions except
the branch instruction
Addressing modes include direct, indirect and
relative addressing modes
Power-on Reset
Power edge-detector Reset
Sleep Mode for power saving
5 types of oscillator can be selected by
programming option:
INTRC-Internal 4 MHz RC oscillator
RC-Low cost RC oscillator
LFXT-Low frequency crystal oscillator
XTAL-Standard crystal oscillator
HFXT-High frequency crystal oscillator
3 oscillator start-up time can be selected by
programming option:
20 ms, 40 ms, 80 ms
8-bit real time clock/counter(RTCC) with 8-bit
programmable prescaler
On-chip RC oscillator based Watchdog
Timer(WDT)
Wake-up from sleep on pin change
3. Applications
The application areas of this MDT10C55B range
from appliance motor control and high speed
automotive to low power remote
transmitters/receivers, small instruments, chargers,
toy, automobile and PC pe-ripheral … etc.


Similar Part No. - MDT10C55B1P

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10C5A2Q MDTIC-MDT10C5A2Q Datasheet
214Kb / 11P
   8-bit micro-controller
More results

Similar Description - MDT10C55B1P

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com