Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT10F6301S13 Datasheet(PDF) 9 Page - Micon Design Technology Corporation

Part # MDT10F6301S13
Description  8-bit Micro-controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10F6301S13 Datasheet(HTML) 9 Page - Micon Design Technology Corporation

Back Button MDT10F6301S13 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10F6301S13 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10F6301S13 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10F6301S13 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10F6301S13 Datasheet HTML 9Page - Micon Design Technology Corporation MDT10F6301S13 Datasheet HTML 10Page - Micon Design Technology Corporation MDT10F6301S13 Datasheet HTML 11Page - Micon Design Technology Corporation MDT10F6301S13 Datasheet HTML 12Page - Micon Design Technology Corporation MDT10F6301S13 Datasheet HTML 13Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MDT10F6301
This specification is subject to be changed without notice. Please visit our web site for the most updated information.
http://www.mdtic.com.tw
P.9
2008/4
Ver. 1.0
Bit
Symbol
Function
6
IES
PA2 interrupt edge select bit :
0 — Interrupt on falling edge of PA2/INT pin
1 — Interrupt on rising edge of PA2/INT pin
7
/PAPH
Port A Pull-up Enable Bit :
0 — PA0~2 & PA4~5 pull-up all enable
1 — PA0~2 & PA4~5 pull-up all disable
(21). 85H : Port A input/output control register.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CPIO A
-
-
CPIO PA5 CPIO PA4 CPIO PA3 CPIO PA2 CPIO PA1 CPIO PA0
(22). 86H : Unimplemented register.
(23). 87H : Port A input/output control register.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CPIO C
CPIO PC7 CPIO PC6 CPIO PC5 CPIO PC4 CPIO PC3 CPIO PC2 CPIO PC1 CPIO PC0
(24). 88 ~ 89H : Unimplemented register.
(25). 8CH : Peripheral interrupt enable register.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PIEB1
EEIE
-
-
-
CMIE
-
-
TMR1IE
EEIE : EEPROM Write Operation Interrupt Enable Bit.
0 = Disable the EEPROM write complete interrupt
1 = Enable the EEPROM write complete interrupt
CMIE : Comparator Interrupt Enable Bit.
0 = Disable the comparator interrupt
1 = Enable the comparator interrupt
TMR1IE : TMR1 Overflow Interrupt Enable Bit.
0 = Disable the TMR1 overflow interrupt
1 = Enable the TMR1 overflow interrupt
(26). 8DH : Unimplemented register.
(27). 8EH : Power control register.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PSTA
-
-
-
-
-
-
PORB
-
PORB : Power On Reset Status Bit.
0 = A power on reset occurred (must be set in software after a power on reset occurs)
1 = No power on reset occurred
(28). 8FH : Unimplemented register.


Similar Part No. - MDT10F6301S13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT10F630 ETC2-MDT10F630 Datasheet
230Kb / 19P
   8-bit Micro-controller
logo
Micon Design Technology...
MDT10F630 MDTIC-MDT10F630 Datasheet
230Kb / 19P
   8-bit Micro-controller
logo
List of Unclassifed Man...
MDT10F630P11 ETC2-MDT10F630P11 Datasheet
230Kb / 19P
   8-bit Micro-controller
logo
Micon Design Technology...
MDT10F630P11 MDTIC-MDT10F630P11 Datasheet
230Kb / 19P
   8-bit Micro-controller
logo
List of Unclassifed Man...
MDT10F630P13 ETC2-MDT10F630P13 Datasheet
230Kb / 19P
   8-bit Micro-controller
More results

Similar Description - MDT10F6301S13

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com