Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT10F630 Datasheet(PDF) 2 Page - Micon Design Technology Corporation

Part # MDT10F630
Description  8-bit Micro-controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10F630 Datasheet(HTML) 2 Page - Micon Design Technology Corporation

  MDT10F630 Datasheet HTML 1Page - Micon Design Technology Corporation MDT10F630 Datasheet HTML 2Page - Micon Design Technology Corporation MDT10F630 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10F630 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10F630 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10F630 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10F630 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10F630 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10F630 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MDT10F630
This specification is subject to be changed without notice. Please visit our web site for the most updated information.
http://www.mdtic.com.tw
P.2
2008/4
Ver. 1.0
5. Order Information
Device
ROM
(Words)
RAM
(Bytes)
EEPROM
(Bytes)
I/O
Comparators
Timer
(8/16 bit)
Package
Remark
MDT10F630P11
1.0K
64
128
12
1
1/1
14-DIP
Pin 4 is PA3
function
MDT10F630P13
1.0K
64
128
11
1
1/1
14-DIP
Pin 4 is /MCLR
external reset
function
MDT10F630S11
1.0K
64
128
12
1
1/1
14-SOP
Pin 4 is PA3
function
MDT10F630S13
1.0K
64
128
11
1
1/1
14-SOP
Pin 4 is /MCLR
external reset
function
6. Block Diagram
Stack Eight
Levels
Program
Counters
Oscillator
circuit
Flash ROM
1024 ×14
Instruction
Register
Instruction
Decoder
Working Register
ALU
EEPROM
128×8
Special
Register
Control
Circuit
Status Register
Port A
Port C
Data
8bit
8 bits
10 bits
14 bits
D0~D7
PA0~PA2
PA4~PA5
5 bits
RAM
64 ×8
TMR1
16 Bits
PC0~PC5
6 bits
Comparator
TMR0
8 Bits
PA3
Power on Reset
Watchdog Timer
Power Down Reset


Similar Part No. - MDT10F630

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT10F630 ETC2-MDT10F630 Datasheet
230Kb / 19P
   8-bit Micro-controller
logo
Micon Design Technology...
MDT10F6301 MDTIC-MDT10F6301 Datasheet
230Kb / 19P
   8-bit Micro-controller
MDT10F6301P11 MDTIC-MDT10F6301P11 Datasheet
230Kb / 19P
   8-bit Micro-controller
MDT10F6301P13 MDTIC-MDT10F6301P13 Datasheet
230Kb / 19P
   8-bit Micro-controller
MDT10F6301S11 MDTIC-MDT10F6301S11 Datasheet
230Kb / 19P
   8-bit Micro-controller
More results

Similar Description - MDT10F630

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com