Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT10P10BG Datasheet(PDF) 9 Page - Micon Design Technology Corporation

Part # MDT10P10BG
Description  8-bit micro-controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P10BG Datasheet(HTML) 9 Page - Micon Design Technology Corporation

Back Button MDT10P10BG Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 9Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 10Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 11Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 12Page - Micon Design Technology Corporation MDT10P10BG Datasheet HTML 13Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MDT10P10(BG)
This specification are subject to be changed without notice. Any latest information
please preview
ttp;//www.mdtic.com.tw
P. 9
2006/4
VER1.1
@WDT
-Enable, PED-Disable Temperature=25 ℃, the typical value as followings :
Vdd=2.3 V
Idd<1.0 µA
Vdd=3.0 V
Idd=3.0 µA
Vdd=4.0 V
Idd=7.5 µA
Vdd=5.0 V
Idd=16.0 µA
Vdd=6.0 V
Idd=26.0 µA
(F) Typical Operating Current : (Temperature=25 ℃)
(i) OSC Type=RC (OSC1&OSC2 Internal Cap about 10P);
WDT-Enable;
The IC may not oscillate properly if the resistance of rext less than 4.7K.
The minimum resistance of rext must be more than 4.7K.
@ Vdd=5.0 V
Cext. (F)
Rext. (Ohm)
Frequency (Hz)
Current (A)
4.7 K
11.5 M
1.2 mA
10.0 K
5.3 M
700 µA
0P
47.0 K
1.3 M
250
µA
100.0 K
628 K
200
µA
300.0 K
215 K
140
µA
470.0 K
135 K
135
µA
4.7 K
9.3 M
1.1 mA
10.0 K
4.4 M
540 µA
3P
47.0 K
1.05 M
225
µA
100.0 K
540 K
160
µA
300.0 K
170 K
130
µA
470.0 K
110 K
120
µA
4.7 K
5.4 M
630 µA
10.0 K
2.4 M
340
µA
20P
47.0 K
600 K
170
µA
100.0 K
285 K
140
µA
300.0 K
110 K
120
µA
470.0 K
55 K
110
µA


Similar Part No. - MDT10P10BG

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P10BE MDTIC-MDT10P10BE Datasheet
159Kb / 16P
   8-bit micro-controller
More results

Similar Description - MDT10P10BG

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com