Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT10P74L11 Datasheet(PDF) 3 Page - Micon Design Technology Corporation

Part # MDT10P74L11
Description  8-bit micro-controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P74L11 Datasheet(HTML) 3 Page - Micon Design Technology Corporation

  MDT10P74L11 Datasheet HTML 1Page - Micon Design Technology Corporation MDT10P74L11 Datasheet HTML 2Page - Micon Design Technology Corporation MDT10P74L11 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P74L11 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P74L11 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P74L11 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P74L11 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P74L11 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P74L11 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MDT10P74(BA)
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 3
2008/6 Ver. 1.6
5. Order Information
Device
ROM
(Words)
RAM
(Bytes)
I/O
A/D
(8 bits)
Timer
(8/16)
CCP
SCM/
USART
Package
MDT10P74P11
4K
192
33
8-channel
2/1
2
YES/YES
DIP
MDT10P74Q11
4K
192
33
8-channel
2/1
2
YES/YES
QFP
MDT10P74L11
4K
192
33
8-channel
2/1
2
YES/YES
PLCC
6. Pin Function Description
Pin Name
I/O
Function Description
PA0~PA3, PA5
I/O
Port A, TTL input level / Analog input channel
PA4
I/O
PA4, Schmitt Trigger input levels, Open drain output
PB0~PB7
I/O
Port B, TTL input level / PB0: External interrupt input PB4~PB7:Interrupt on pin change
PC0~PC7
I/O
Port C, Schmitt Trigger input levels
PD0~PD7
I/O
Port D, Schmitt Trigger input levels / TTL input level
PE0~PE2
I/O
Port E, Schmitt Trigger input levels / TTL input level
Analog input channel
/MCLR
I
Master Clear, Schmitt Trigger input levels
OSC1/CLKIN
I
Oscillator Input/external clock input
OSC2/CLKOUT
O
Oscillator Output/in RC mode, the CLKOUT pin has 1/4 frequency of CLKIN
VDD
Power supply
VSS
Ground
7. Memory Map
(A) Register Map
Address
Description
BANK0
00
Indirect Addressing Register
01
RTCC
02
PCL
03
STATUS
04
MSR
05
Port A
06
Port B
07
Port C
08
Port D
09
Port E


Similar Part No. - MDT10P74L11

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P74L11 MDTIC-MDT10P74L11 Datasheet
271Kb / 24P
   8-bit micro-controlle
More results

Similar Description - MDT10P74L11

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com