Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT10P73 Datasheet(PDF) 9 Page - Micon Design Technology Corporation

Part # MDT10P73
Description  8-bit micro-controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P73 Datasheet(HTML) 9 Page - Micon Design Technology Corporation

Back Button MDT10P73 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P73 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P73 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P73 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P73 Datasheet HTML 9Page - Micon Design Technology Corporation MDT10P73 Datasheet HTML 10Page - Micon Design Technology Corporation MDT10P73 Datasheet HTML 11Page - Micon Design Technology Corporation MDT10P73 Datasheet HTML 12Page - Micon Design Technology Corporation MDT10P73 Datasheet HTML 13Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
MDT10P73
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 9
2005/6 Ver. 1.5
(21) CCP1H : R16
Capture/Compare/PWM MSB
(22) CCP1CTL : R17
Bit
Symbol
Function
3~0
CCP1M3
~
CCP1M0
0 0 0 0 : CCP1 off
0 1 0 0 : Capture1 mode , every falling edge
0 1 0 1 : Capture1 mode , every rising edge
0 1 1 0 : Capture1 mode , every 4
th rising edge
0 1 1 1 : Capture1 mode , every 16
th rising edge
1 0 0 0 : Compare1 mode , set output on match
1 0 0 1 : Compare1 mode , clear output on match
1 0 1 0 : Compare1 mode , generate software interrupt on match
1 0 1 1 : Compare1 mode , trigger special event
1 1 x x : PWM1 mode
5~4
PWM1LSB
These bits are the two LSBs of the PWM1 duty cycle
7~6
--
Unimplemented
(23) RCSC : R18
Bit
Symbol
Function
0
RX9DF
9
th bit of received data
1
OERF
0 : No overrun error
1 : Overrun error
2
FERF
0 : No framing error
1 : Framing error
3
--
Unimplemented
4
CRENF
0 : Disable continuous receive
1 : Enable continuous receive
5
SRENF
0 : Disable single receive
1 : Enable single receive
6
RX9ENF
0 : Select 8-bit reception
1 : Select 9-bit reception
7
SPENF
0 : Serial port disable
1 : Serial port enable
(24) TXREG : R19
USART transmit register


Similar Part No. - MDT10P73

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT10P73 ETC1-MDT10P73 Datasheet
94Kb / 21P
   This EPROM-Based 8-bit micro-controller uses a fully static CMOS technology process to achieve higher speed and smaller size with the low power consum
logo
Micon Design Technology...
MDT10P7301 MDTIC-MDT10P7301 Datasheet
145Kb / 22P
   8-bit micro-controller
MDT10P7301K11 MDTIC-MDT10P7301K11 Datasheet
145Kb / 22P
   8-bit micro-controller
MDT10P7301S11 MDTIC-MDT10P7301S11 Datasheet
145Kb / 22P
   8-bit micro-controller
MDT10P7301SS11 MDTIC-MDT10P7301SS11 Datasheet
145Kb / 22P
   8-bit micro-controller
More results

Similar Description - MDT10P73

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com