Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT10P622 Datasheet(PDF) 11 Page - Micon Design Technology Corporation

Part # MDT10P622
Description  8-bit micro-controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P622 Datasheet(HTML) 11 Page - Micon Design Technology Corporation

Back Button MDT10P622 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P622 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P622 Datasheet HTML 9Page - Micon Design Technology Corporation MDT10P622 Datasheet HTML 10Page - Micon Design Technology Corporation MDT10P622 Datasheet HTML 11Page - Micon Design Technology Corporation MDT10P622 Datasheet HTML 12Page - Micon Design Technology Corporation MDT10P622 Datasheet HTML 13Page - Micon Design Technology Corporation MDT10P622 Datasheet HTML 14Page - Micon Design Technology Corporation MDT10P622 Datasheet HTML 15Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MDT10P622
This specification are subject to be changed without notice. Any latest information
please preview
http;//www.mdtic.com.tw
P.11
2006/7
Ver1.0
( PA, PB, PC Only )
R
:
General register address
TF
:
Timer overflow flag
C
:
Carry flag
PF
:
Power loss flag
HC :
Half carry
PC
:
Program Counter
Z
:
Zero flag
OSC
:
Oscillator
/
:
Complement
Inclu.
:
Inclusive
‘∪’
x
:
Don’t care
Exclu.
:
Exclusive
‘♁’
i
:
Immediate data ( 8 bits )
AND
:
Logic AND
‘∩’
n
:
Immediate address
9. Electrical Characteristics
(A)Operation Voltage & Frequency
Vdd
: 2.3V~6.3V
Frequency: 0Hz~20MHz
(B)Input Voltage
Port
MIN
MAX
PA ,
PB
Vss
1.0V
Vil
RTCC
/MCLR
Vss
1.0V
PA ,
PB
2.0V
Vdd
Vih
RTCC
/MCLR
3.4V
Vdd
*Threshold Voltage
PortA PortB PortC Vth = 1.6V
RTCC,/MCLR Vil=1.2V Vih=3.1V (Schmitt Trigger)
(C) Output Voltage
@ Vdd=5.0 V, Temperature=25 ℃, the typical value as followings :
PA, PB, PC Port
Ioh=-20.0 mA
Voh=3.8 V
Iol=20.0 mA
Vol=0.6V
Ioh=-5.0 mA
Voh=4.7V
Iol=5.0 mA
Vol=0.2V


Similar Part No. - MDT10P622

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P62 MDTIC-MDT10P62 Datasheet
101Kb / 21P
   8-bit micro-controller
MDT10P62 MDTIC-MDT10P62 Datasheet
124Kb / 18P
   8-bit micro-controller
MDT10P621 MDTIC-MDT10P621 Datasheet
102Kb / 21P
   8-bit micro-controller
MDT10P621 MDTIC-MDT10P621 Datasheet
250Kb / 18P
   8-bit micro-controller
MDT10P621BB MDTIC-MDT10P621BB Datasheet
250Kb / 18P
   8-bit micro-controller
More results

Similar Description - MDT10P622

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com