Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPO-DO-240S12A8.0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CFPO-DO-240S12A8.0
Description  Range of Super Single Oven OCXO?셲
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFPO-DO-240S12A8.0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CFPO-DO-240S12A8.0 Datasheet HTML 1Page - List of Unclassifed Manufacturers CFPO-DO-240S12A8.0 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CFPO-DO Series
ISSUE 1; 19 OCTOBER 2004
Description
The CFPO-DO series are a range of Super Single Oven
OCXO’s designed as a compact and smart frequency
source/time keeping reference for all synchronization
systems including global ositioning system (GPS)
based equipment
CFPO-DO series key performances are:-
Holdover better than 7
µs over 24 hours
Frequency stability over operating temperature range
( see table text )
Frequency stability versus change of all operating
conditions (pressure, supply, load, etc.)
Package Options (metal leaded package, hermetically
sealed)
CFPO-DO-1
50.8 x 50.8 x 25.0mm (50)
CFPO-DO-2
51.0 x 41.0 x 25.0mm (51)
CFPO-DO-3
51.0 x 41.0 x 19.05mm (51B)
CFPO-DO-4
40.0 x 30.0 x 20.0mm (40)
Supply Options
Standard: 12V ±5% (12)
Standard Frequencies
10.0, 12.8, 13.0MHz
Frequency Ranges
8.192 to 15.0MHz
Initial tolerance @ 25°C Fo ±1x10-7
Power Consumption
Warm-up: <750mA
@25°C:
<250mA (calm air)
Warm Up Time @ 25°C (typical)
±1 x 10-8 after 10 mins
Retrace after 24 Hours off @25°C (typical)
±3 x 10-9 after 60 minutes
Frequency Adjustment
> ±3 x 10-7 from 0V to reference voltage, monotonic
& standard positive slope (negative slope optional).
Sufficient to cover 10 years ageing
Oven Alarm “logic level” signal (optional) (A)
Logic “0” during warm-up time and if oven is not
operating
Logic “1” when temperature regulation is operating
Reference Voltage
Standard Reference voltage output +8V
Optional +5.0V or +6.2V (except Package 40)
Output Compatibility
Sinewave +7dBm ±2dBm into 50
Ω load (S)
Squarewave optional (C)
Harmonic Distortion
Harmonics & sub-harmonics < -30dBc
Non-Harmonics < -75dBc
Environmental Specification (non-operating)
Storage temperature range -55 to 85°C
Shocks - half-sine 50g 11ms / 3 per direction
IEC 68-2-27 Test Ea / Severity 50A
Vibration - 10g / 10-500Hz IEC 68-2-06 Test
Fc / Severity 500/10
Marking (printed label on top of can)
C-MAC or Customer’s Logo
C-MAC or Customer’s Part Number
Nominal Frequency (Fo) in MHz
Serial Number (1 letter & 5 numbers )
Date Code (4 digits for year and week)
Phase Noise @10.0MHz typical (sinewave)
10Hz
-125dBc/Hz
100Hz -145dBc/Hz
1kHz
-155dBc/Hz
10kHz
-158dBc/Hz
Outline in mm - Package 50 (without Oven Alarm)
50.8SQ max
∅1.0±0.05
All tolerances ±0.2mm
12
5
4
3
Pin Function
1.
Input frequency control
2.
Output ref. voltage
3.
Output signal
4.
Mechanical GND
and (–) supply
5.
Input supply (+)
Bottom View
20.3 20.3
Outline in mm - Package 40 (with Oven Alarm)
25.4
22.9
40.0 max
1
2
3
4
6
5
All tolerances ±0.2mm
∅0.8±0.05
Pin Function
1.
Input frequency control
2.
Output reference
voltage
3.
Input supply (+)
4.
Output signal
5.
Mechanical GND
and (-) supply
Bottom
View
Europe
Tel: +44 (0)1460 270200
Fax: +44 (0)1460 72578
Website: www.cmac.com
Americas Tel: +1 919 941 9333
Fax: +1 919 941 9371
Asia
Tel: +86 755 8826 5991
Fax: +86 755 8826 5990


Similar Part No. - CFPO-DO-240S12A8.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFPO-20 ETC2-CFPO-20 Datasheet
62Kb / 3P
   high stability crystal oscillators
CFPO-20SXALF ETC2-CFPO-20SXALF Datasheet
62Kb / 3P
   high stability crystal oscillators
CFPO-21 ETC2-CFPO-21 Datasheet
62Kb / 3P
   high stability crystal oscillators
CFPO-21SXALF ETC2-CFPO-21SXALF Datasheet
62Kb / 3P
   high stability crystal oscillators
CFPO-22 ETC2-CFPO-22 Datasheet
62Kb / 3P
   high stability crystal oscillators
More results

Similar Description - CFPO-DO-240S12A8.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC160 ETC-OC160 Datasheet
51Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
OC-260 ETC-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
logo
Vectron International, ...
EX-240 VECTRON-EX-240 Datasheet
44Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
logo
TEMEX
ROX5242T2 TEMEX-ROX5242T2 Datasheet
445Kb / 2P
   The ROX5242T2 belongs to a range of super single oven OCXOs designed
logo
List of Unclassifed Man...
TCO-639E ETC-TCO-639E Datasheet
39Kb / 1P
   Oven Controlled Crystal Oscillator (OCXO)
logo
TEMEX
ROX5252T2 TEMEX-ROX5252T2 Datasheet
470Kb / 2P
   The ROX5252T2 belongs to a range of super single oven OCXOs designed as a compact
logo
Seiko Instruments Inc
OG2525CCN SII-OG2525CCN Datasheet
592Kb / 2P
   Oven Controlled Crystal Oscillator (OCXO)
logo
NIHON DEMPA KOGYO
NH37M28LA NDK-NH37M28LA Datasheet
85Kb / 1P
   Oven-Controlled Crystal Oscillator (OCXO)
logo
List of Unclassifed Man...
9161A ETC1-9161A Datasheet
44Kb / 1P
   OVEN CONTROLLED CRYSTAL OSCILLTORS (OCXO)
logo
NIHON DEMPA KOGYO
9740C NDK-9740C Datasheet
80Kb / 1P
   Oven-Controlled Crystal Oscillator (OCXO)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com