Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPO-SC-450BS15A50N Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CFPO-SC-450BS15A50N
Description  Hi-Reliable OCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFPO-SC-450BS15A50N Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CFPO-SC-450BS15A50N Datasheet HTML 1Page - List of Unclassifed Manufacturers CFPO-SC-450BS15A50N Datasheet HTML 2Page - List of Unclassifed Manufacturers CFPO-SC-450BS15A50N Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Packages without Oven Alarm
Packages with Oven Alarm
50.8SQ max
∅1.0±0.05
All tolerances ±0.2mm
12
5
4
3
3 screws M3
Pin Function
1.
Input frequency control
2.
Output reference
voltage
3.
Output signal
4.
Mechanical GND
and (-) supply
5.
Input supply (+)
6
20.3 20.3
Bottom View
Outline in mm - Package 50B
Outline mm - Package 50
50.8SQ max
∅1.0±0.05
All tolerances ±0.2mm
12
5
4
3
Pin Function
1.
Input frequency control
2.
Output ref. voltage
3.
Output signal
4.
Mechanical GND
and (–) supply
5.
Input supply (+)
Bottom View
20.3 20.3
Outline in mm - Package 51
∅ 1.0±0.05
21
3
5
4
51.0 m ax
42.0
Botto m Vie w
A ll to le r a nc e s ± 0 .2 m m
Pin Function
1.
M ech anical
GN D an d su pp ly
2.
Freq uen cy c on trol
in pu t
3.
Ref.vo ltag e o utpu t
4.
Supply input
5.
Signal output
Outline in mm - Package 40
25.4
22.9
40.0 max
1
2
3
4
6
5
All tolerances ±0.2mm
∅0.8±0.05
Pin Function
1.
Input frequency control
2.
Output reference
voltage
3.
Input supply (+)
4.
Output signal
5.
Mechanical GND
and (-) supply
Bottom
View
Outline in mm - Package 50B
50.8SQ max
∅1.0±0.05
All tolerances ±0.2mm
12
5
4
3
3 screws M3
Pin Function
1.
Input frequency control
2.
Output reference
voltage
3.
Output signal
4.
Mechanical GND
and (-) supply
5.
Input supply (+)
6.
Oven alarm
6
20.3 20.3
Bottom View
Outline in mm - Package 50
50.8SQ max
∅1.0±0.05
All tolerances ±0.2mm
12
5
4
3
Pin Function
1.
Input frequency control
2.
Output ref. voltage
3.
Output signal
4.
Mechanical GND
and (–) supply
5.
Input supply (+)
6.
Oven alarm
Bottom View
20.3 20.3
6
Outline in mm - Package 51
Outline in mm - Package 40
25.4
22.9
40.0 max
1
2
3
4
6
5
All tolerances ±0.2mm
∅0.8±0.05
Pin Function
1.
Input frequency control
2.
Output reference
voltage
3.
Input supply (+)
4.
Output signal
5.
Mechanical GND
and (-) supply
Bottom
View
∅1.0±0.05
21
3
5
4
51.0 max
42.0
Pin Function
1.
Mechanical
GND and supply
2 . Frequency control input
3 . Ref. voltage output
4 . Supply Input
5 . Signal output
6.
Oven alarm
Bottom View
All tolerances ±0.2mm
6
Europe
Tel: +44 (0)1460 270200
Fax: +44 (0)1460 72578
Website: www.cmac.com
Americas Tel: +1 919 941 9333
Fax: +1 919 941 9371
Asia
Tel: +86 755 8826 5991
Fax: +86 755 8826 5990


Similar Part No. - CFPO-SC-450BS15A50N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFPO-20 ETC2-CFPO-20 Datasheet
62Kb / 3P
   high stability crystal oscillators
CFPO-20SXALF ETC2-CFPO-20SXALF Datasheet
62Kb / 3P
   high stability crystal oscillators
CFPO-21 ETC2-CFPO-21 Datasheet
62Kb / 3P
   high stability crystal oscillators
CFPO-21SXALF ETC2-CFPO-21SXALF Datasheet
62Kb / 3P
   high stability crystal oscillators
CFPO-22 ETC2-CFPO-22 Datasheet
62Kb / 3P
   high stability crystal oscillators
More results

Similar Description - CFPO-SC-450BS15A50N

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C499 VECTRON-C499 Datasheet
207Kb / 15P
   Hi-Rel Standard OCXO
OX-221-9115-10M000 VECTRON-OX-221-9115-10M000 Datasheet
530Kb / 6P
   OCXO
OX-401-9015-98M304 VECTRON-OX-401-9015-98M304 Datasheet
1Mb / 9P
   OCXO
logo
Advanced XTAL Products
AXIOM30 AXTAL-AXIOM30 Datasheet
55Kb / 2P
   OCXO
logo
Raltron Electronics Cor...
OX4020A-LZ-28-12.800-STR3 RALTRON-OX4020A-LZ-28-12.800-STR3 Datasheet
33Kb / 1P
   OCXO
OX6536A RALTRON-OX6536A Datasheet
45Kb / 2P
   OCXO
logo
Advanced Linear Devices
OX6749A ALD-OX6749A Datasheet
45Kb / 2P
   OCXO
logo
Vectron International, ...
OX-2226-EAJ-1080-20M00 VECTRON-OX-2226-EAJ-1080-20M00 Datasheet
240Kb / 5P
   OCXO
OX-4011-EAE-2580-20M00 VECTRON-OX-4011-EAE-2580-20M00 Datasheet
239Kb / 4P
   OCXO
OX-2201-EAE-2580-10M00 VECTRON-OX-2201-EAE-2580-10M00 Datasheet
240Kb / 4P
   OCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com