Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPQ24S24-50C Datasheet(PDF) 10 Page - Wall Industries,Inc.

Part # MPQ24S24-50C
Description  50 W DC-DC Converter 10-36 Vdc Input 24 Vdc Output at 2.5 A Quarter-Brick Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MPQ24S24-50C Datasheet(HTML) 10 Page - Wall Industries,Inc.

Back Button MPQ24S24-50C Datasheet HTML 3Page - Wall Industries,Inc. MPQ24S24-50C Datasheet HTML 4Page - Wall Industries,Inc. MPQ24S24-50C Datasheet HTML 5Page - Wall Industries,Inc. MPQ24S24-50C Datasheet HTML 6Page - Wall Industries,Inc. MPQ24S24-50C Datasheet HTML 7Page - Wall Industries,Inc. MPQ24S24-50C Datasheet HTML 8Page - Wall Industries,Inc. MPQ24S24-50C Datasheet HTML 9Page - Wall Industries,Inc. MPQ24S24-50C Datasheet HTML 10Page - Wall Industries,Inc. MPQ24S24-50C Datasheet HTML 11Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TECHNICAL DATASHEET
WALL INDUSTRIES, INC.
Rev. A
MPQ24S24-50
Photo 7: Output Ripple and Noise (20 MHz BW)
Vin=24 V, Iout = 2.5 A
Photo 8: Output Ripple and Noise (20 MHz BW)
Vin=24 V, Iout = 2.5 A
With a 68 uF Electrolytic across the Output
Photo 9: Transient Response – 0.025A/us
Vin=24 V, Iout = 0.625 to 1.875 A (25% to 75%)
Photo 10: Transient Response – 0.025A/us
Vin=24 V, Iout = 0.625 to 1.875 A (25% to 75%)
With a 68 uF Electrolytic across the Output
Photo 11: Transient Response – 0.1A/us
Vin=24 V, Iout = 0.625 to 1.875 A (25% to 75%)
Photo 12: Transient Response – 0.1A/us
Vin=24 V, Iout = 0.625 to 1.875 A (25% to 75%)
With a 68 uF Electrolytic across the Output
(888) 597-WALL
www.wallindustries.com
Page 10 of 11


Similar Part No. - MPQ24S24-50C

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MPQ24S24-50C WALL-MPQ24S24-50C Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
MPQ24S24-50CRHS WALL-MPQ24S24-50CRHS Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
More results

Similar Description - MPQ24S24-50C

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MPQ24S5-50B WALL-MPQ24S5-50B Datasheet
795Kb / 11P
   50 W DC-DC Converter 10-36 Vdc Input 5 Vdc Output at 10 A Quarter-Brick Package
MPQ24S48-50 WALL-MPQ24S48-50 Datasheet
809Kb / 11P
   50 W DC-DC Converter 10-36 Vdc Input 48 Vdc Output at 1 A Quarter-Brick Package
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
LANC482.5W12 WALL-LANC482.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 2.5 VDC Output at 3.5A
LV12S28-150 WALL-LV12S28-150 Datasheet
443Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 28Vdc Output at 5.36A Half-Brick Package
LV12S5-100 WALL-LV12S5-100 Datasheet
447Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 5Vdc Output at 20A Half-Brick Package
LV12S20-100 WALL-LV12S20-100 Datasheet
430Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 20Vdc Output at 5A Half-Brick Package
LV12S24-150 WALL-LV12S24-150 Datasheet
452Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 24Vdc Output at 6.25A Half-Brick Package
LV12S26-150 WALL-LV12S26-150 Datasheet
454Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 26Vdc Output at 5.8A Half-Brick Package
LV12S12-150 WALL-LV12S12-150 Datasheet
532Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 12Vdc Output at 12.5A Half-Brick Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com