Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

753125560JPTR13 Datasheet(PDF) 3 Page - CTS Corporation

Part # 753125560JPTR13
Description  Leadless Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

753125560JPTR13 Datasheet(HTML) 3 Page - CTS Corporation

  753125560JPTR13 Datasheet HTML 1Page - CTS Corporation 753125560JPTR13 Datasheet HTML 2Page - CTS Corporation 753125560JPTR13 Datasheet HTML 3Page - CTS Corporation 753125560JPTR13 Datasheet HTML 4Page - CTS Corporation 753125560JPTR13 Datasheet HTML 5Page - CTS Corporation 753125560JPTR13 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Types of Circuits
Bussed SRT Schematic 1
Bussed DRT Schematic 1
Isolated SRT Schematic 3
(Not Available in 9 Pad)
Isolated DRT Schematic 3
(Not Available in 18 Pad)
Dual Terminator SRT Schematic 5
(Not Available in DRT)
Dual Terminator Overview
Standard CTS Dual Terminator products contain (2N-2) resistors of two different values with each resistor
value connected to a common buss. The part number includes the EIA Code value of the Thevenin equivalent
resistances of R1 and R2. The Thevenin equivalent resistance is calculated in the following way: The suffix
letter relates only to the sequence of variations that equal the same equivalent resistance. Reference chart.
Req=R1R2/(R1 + R2)
Examples:
753095131A
R1=220 Ohms
R2=330 Ohms
Req=132 Ohms
753095191A
R1=330 Ohms
R2=470 Ohms
Req=194 Ohms
753095131C
R1=180 Ohms
R2=470 Ohms
Req=130 Ohms
Pin #1 is common to R2 and Pin N is common to R.
Page 3 of 6
January 2007
CTS Electronic Components
www.ctscorp.com


Similar Part No. - 753125560JPTR13

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
753125DPTR13 CTS-753125DPTR13 Datasheet
189Kb / 4P
   High Density Packaging
753125DPTR7 CTS-753125DPTR7 Datasheet
189Kb / 4P
   High Density Packaging
753125FPTR13 CTS-753125FPTR13 Datasheet
189Kb / 4P
   High Density Packaging
753125FPTR7 CTS-753125FPTR7 Datasheet
189Kb / 4P
   High Density Packaging
753125GPTR13 CTS-753125GPTR13 Datasheet
189Kb / 4P
   High Density Packaging
More results

Similar Description - 753125560JPTR13

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4614UR-1 MICROSEMI-1N4614UR-1 Datasheet
122Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
1N746AUR-1 MICROSEMI-1N746AUR-1 Datasheet
44Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
BZV55C7V5 MICROSEMI-BZV55C7V5 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Compensated Deuices Inc...
CDLL3821 CDI-DIODE-CDLL3821 Datasheet
22Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4099 CDI-DIODE-CDLL4099 Datasheet
96Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL746 CDI-DIODE-CDLL746 Datasheet
25Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4614 CDI-DIODE-CDLL4614 Datasheet
109Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Connor-Winfield Corpora...
MSD611 CONNOR-WINFIELD-MSD611 Datasheet
210Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD621 CONNOR-WINFIELD-MSD621 Datasheet
203Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD641 CONNOR-WINFIELD-MSD641 Datasheet
210Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com