Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPQ24S5-50B Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # MPQ24S5-50B
Description  50 W DC-DC Converter 10-36 Vdc Input 5 Vdc Output at 10 A Quarter-Brick Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MPQ24S5-50B Datasheet(HTML) 2 Page - Wall Industries,Inc.

  MPQ24S5-50B Datasheet HTML 1Page - Wall Industries,Inc. MPQ24S5-50B Datasheet HTML 2Page - Wall Industries,Inc. MPQ24S5-50B Datasheet HTML 3Page - Wall Industries,Inc. MPQ24S5-50B Datasheet HTML 4Page - Wall Industries,Inc. MPQ24S5-50B Datasheet HTML 5Page - Wall Industries,Inc. MPQ24S5-50B Datasheet HTML 6Page - Wall Industries,Inc. MPQ24S5-50B Datasheet HTML 7Page - Wall Industries,Inc. MPQ24S5-50B Datasheet HTML 8Page - Wall Industries,Inc. MPQ24S5-50B Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TECHNICAL DATASHEET
WALL INDUSTRIES, INC.
Rev. B
MPQ24S48-50
Technical Specifications
M
Mood
deell N
Noo.. MPQ24S5-50
All specifications are based on 25 oC, Nominal Input Voltage and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
Related condition
Min
Nom
Max
Unit
Switching Frequency
-
200
-
kHz
INPUT (Vin)
Operating Voltage Range
10
24
36
Vdc
UVLO Turn On at
9.8
10.0
10.3
Vdc
UVLO Turn Off at
9.4
9.7
9.9
Vdc
UVLO Hysterisis
-
0.3
-
Vdc
Maximum Input Current (Graph 3)
Low Line
-
5.8
-
A
No Load Input Current (Graph 5)
No Load
-
0.081
-
A
Input Current under “Remote Off” (Graph 6)
Active High Unit
-
3.1
-
mA
Reflected Ripple Current (Photos 1 & 2)
Measured with a 120 uF Alum. Elect. Input Capacitor
-
192
-
mA
Input Surge Voltage
100 mS
-
-
50
Vdc
EFFICIENCY (Graph 1)
-
87
-
%
OUTPUT (Vo)
Voltage Set Point
±Sense shorted to ±Vout
4.970
-0.60
5.000
5.030
+0.60
Vdc
%
Voltage Adjustment (Table 2)
Max Output limited to 90W
4.50
-10%
5.00
5.50
+10%
Vdc
Load Regulation (Graph 7)
±Sense shorted to ±Vout
-
0.02
0.1
%
Line Regulation (Graph 8)
±Sense shorted to ±Vout
-
0.02
0.1
%
Temperature Drift (Graph 9)
-
0.013
0.025
% / oC
Remote Sense Compensation
Max Output limited to 50W
(as measured at the converter output pins)
-
-
5.50
10%
Vdc
%
Ripple (Photos 7, 9 & 11)
With 1 uF c
eramic & 10 uF Tantalum
-
82
100
mVpk-pk
Spikes (Photos 7, 9 & 11)
With 1 uF c
eramic & 10 uF Tantalum
-
82
150
mVpk-pk
Current
0
-
10.0
A
Current Limit
Power Limited-Dependent upon SENSE
compensation and TRIM adjustment
12
14
16
A
Over Voltage Limit
5.8
54.0
58
Vdc
DYNAMIC RESPONSE
Load step /
∆ V (Photos 8, 10 & 12)
25% to 100% Io, di/dt=0.025A/uS
-
264
-
mV
Recovery Time (Photos 8, 10 & 12)
Recovery to within 1% Nominal Vout
-
1
-
ms
Turn On Delay (Photo 3)
From Vin(min) to Vout (mom)
-
10
-
ms
Turn On Overshoot (Photos 3 & 5)
Full Load Resistive
-
0.0
-
%
Hold Up Time (Photo 4)
From Vin (min) to VULVO_Turn_Off
0
-
-
mS
REMOTE ON/OFF
Active High or Active Low (Add an ‘R’ to the end of the PN ie: MPQ24S5-50R)
Remote ON – Active High
Min High to Enable
1.5
-
-
Vdc
Remote OFF – Active High
Max Low to Disable
-
-
0.3
Vdc
Remote ON/OFF pin Floating – Active High
Over Operating Voltage Range
1.6
-
5.2
Vdc
ION/OFF Sink to pull low – Active High
VON/OFF =0V, Vin=36 V
-
-
0.15
mA
Remote ON – Active Low
Max Low to Enable
-
-
0.8
Vdc
Remote OFF – Active Low
Min High to Disable
2.1
-
-
Vdc
Remote ON/OFF pin Floating – Active Low
Over Operating Voltage Range
2.3
-
6.2
ION/OFF Sink to pull low – Active Low
VON/OFF =0V, Vin=36V
-
-
0.6
mA
ION/OFF Source to drive high – Active High or Low
-
0
-
mA
Turn On Delay – (Photo 5)
Enable (max Low) to Vout (min)
-
3
-
ms
Turn Off Delay – (Photo 6)
Enable (0V) to Vout (min)
-
-
100
uS
ISOLATION
Input-Output
1 minute
1000
-
-
Vdc
Input/Output-Chassis
1 minute
1000
-
-
Vdc
Isolation Resistance
at 25oC
20
-
-
GΩ
Isolation Capacitance
-
0.01
-
uF
THERMAL
Ambient (Graph 2)
Max. Ambient limited by Derating Curves (Graph 2)
-40
25
Graph 2
oC
Over Temperature Protection
Case Temperature
-
110
-
oC
Storage Temperature
-55
-
125
oC
MTBF
Calculated Using Bellcore TR-332 Method 1 case 3
1,250,300
hours
MECHANICAL
See Figure 1
Weight
-
61
-
g
(888) 597-WALL
www.wallindustries.com
Page 2 of 11


Similar Part No. - MPQ24S5-50B

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MPQ24S5-50C WALL-MPQ24S5-50C Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
MPQ24S5-50CRHS WALL-MPQ24S5-50CRHS Datasheet
463Kb / 7P
   Up to 125 Watts, Quarter-Brick DC/DC Converters
More results

Similar Description - MPQ24S5-50B

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MPQ24S24-50 WALL-MPQ24S24-50 Datasheet
764Kb / 11P
   50 W DC-DC Converter 10-36 Vdc Input 24 Vdc Output at 2.5 A Quarter-Brick Package
MPQ24S48-50 WALL-MPQ24S48-50 Datasheet
809Kb / 11P
   50 W DC-DC Converter 10-36 Vdc Input 48 Vdc Output at 1 A Quarter-Brick Package
LV12S28-150 WALL-LV12S28-150 Datasheet
443Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 28Vdc Output at 5.36A Half-Brick Package
LV12S5-100 WALL-LV12S5-100 Datasheet
447Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 5Vdc Output at 20A Half-Brick Package
LV12S20-100 WALL-LV12S20-100 Datasheet
430Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 20Vdc Output at 5A Half-Brick Package
LV12S24-150 WALL-LV12S24-150 Datasheet
452Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 24Vdc Output at 6.25A Half-Brick Package
LV12S26-150 WALL-LV12S26-150 Datasheet
454Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 26Vdc Output at 5.8A Half-Brick Package
LV12S12-150 WALL-LV12S12-150 Datasheet
532Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 12Vdc Output at 12.5A Half-Brick Package
LV12S15-150 WALL-LV12S15-150 Datasheet
492Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 15Vdc Output at 10A Half-Brick Package
LANC4815DW8 WALL-LANC4815DW8 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 짹15 VDC Output at 짹0.267A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com