Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPO-DO-250S12A50N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CFPO-DO-250S12A50N
Description  Range of Super Single Oven OCXO?셲
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFPO-DO-250S12A50N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CFPO-DO-250S12A50N Datasheet HTML 1Page - List of Unclassifed Manufacturers CFPO-DO-250S12A50N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Specification
Operating
Temperature
Range
Stability
within
Temperature
Range
pk to pk
Long Term Stability
(after 1 week operation)
Frequency
Stability Vs Supply
Voltage Change
(±5%) and Load
Change
(50
Ω±10%)
Standard Package Type
(max height)
Model
Number
Per Day
Per Month
Per Year
Over 10 Years
-20 to 70°C
<1x10-10
<±5x10-11
<±1.5x10-9
<±1.2x10-8
<±6x10-8
<±5x10-11
(50) 25mm
CFPO-DO-1
<2x10-10
<±7x10-11
<±2x10-9
<±1.5x10-8
<±7.5x10-8
<±1x10-10
(51) 25mm
CFPO-DO-2
<5x10-10
<±1x10-10
<3x10-9
<±2x10-8
<±1x10-7
<±1x10-10
(51B) 19.05mm
CFPO-DO-3
<1x10-9
<±2x10-10
<5x10-9
<±5x10-8
<±3x10-7
<±5x10-10
(40) 20mm (*)
CFPO-DO-4
Ordering Example
CFPO-DO-1
50
S
12
A
8.0
10.0MHz
Model Number
Package Outline 50, 51, 51B, 40 (see above table)
Output Signal (S) (Sine is standard) (C)(HCMOS optional)
Supply Voltage (12) (12V is standard)
Oven Alarm Option (A)
Reference Voltage (8.0V standard, optional = 5V or 6.2V with packages 50 & 51
No Reference for all models = N)
Frequency (MHz)
For non standard options such as different temperature ranges, negative slope EFC, cold start-up please contact our sales
office. (*) Package height 16mm max will be available from mid 2005
Outline in mm - Package 51 (with Oven Alarm)
Outlin in mm - Package 51B (without Oven Alarm)
∅1.0±0.05
21
3
5
4
51.0 max
42.0
Pin Function
1.
Mechanical
GND and supply
2 . Frequency control input
3 . Ref. voltage output
4 . Supply Input
5 . Signal output
6.
Oven Alarm
Bottom View
All tolerances ±0.2mm
6
10.15
∅1.0±0.05
21
3
5
4
51.0 max
42.0
Pin Function
1.
Mechanical
GND and supply
2 . Frequency control input
3 . Ref. voltage output
4 . Supply input
5 . Signal output
Bottom View
All tolerances ±0.2mm
Europe
Tel: +44 (0)1460 270200
Fax: +44 (0)1460 72578
Website: www.cmac.com
Americas Tel: +1 919 941 9333
Fax: +1 919 941 9371
Asia
Tel: +86 755 8826 5991
Fax: +86 755 8826 5990


Similar Part No. - CFPO-DO-250S12A50N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFPO-20 ETC2-CFPO-20 Datasheet
62Kb / 3P
   high stability crystal oscillators
CFPO-20SXALF ETC2-CFPO-20SXALF Datasheet
62Kb / 3P
   high stability crystal oscillators
CFPO-21 ETC2-CFPO-21 Datasheet
62Kb / 3P
   high stability crystal oscillators
CFPO-21SXALF ETC2-CFPO-21SXALF Datasheet
62Kb / 3P
   high stability crystal oscillators
CFPO-22 ETC2-CFPO-22 Datasheet
62Kb / 3P
   high stability crystal oscillators
More results

Similar Description - CFPO-DO-250S12A50N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC160 ETC-OC160 Datasheet
51Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
OC-260 ETC-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
logo
Vectron International, ...
EX-240 VECTRON-EX-240 Datasheet
44Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
logo
TEMEX
ROX5242T2 TEMEX-ROX5242T2 Datasheet
445Kb / 2P
   The ROX5242T2 belongs to a range of super single oven OCXOs designed
logo
List of Unclassifed Man...
TCO-639E ETC-TCO-639E Datasheet
39Kb / 1P
   Oven Controlled Crystal Oscillator (OCXO)
logo
TEMEX
ROX5252T2 TEMEX-ROX5252T2 Datasheet
470Kb / 2P
   The ROX5252T2 belongs to a range of super single oven OCXOs designed as a compact
logo
Seiko Instruments Inc
OG2525CCN SII-OG2525CCN Datasheet
592Kb / 2P
   Oven Controlled Crystal Oscillator (OCXO)
logo
NIHON DEMPA KOGYO
NH37M28LA NDK-NH37M28LA Datasheet
85Kb / 1P
   Oven-Controlled Crystal Oscillator (OCXO)
logo
List of Unclassifed Man...
9161A ETC1-9161A Datasheet
44Kb / 1P
   OVEN CONTROLLED CRYSTAL OSCILLTORS (OCXO)
logo
NIHON DEMPA KOGYO
9740C NDK-9740C Datasheet
80Kb / 1P
   Oven-Controlled Crystal Oscillator (OCXO)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com