Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V437464Q24VXTG-10PC Datasheet(PDF) 8 Page - Mosel Vitelic, Corp

Part # V437464Q24VXTG-10PC
Description  3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V437464Q24VXTG-10PC Datasheet(HTML) 8 Page - Mosel Vitelic, Corp

Back Button V437464Q24VXTG-10PC Datasheet HTML 4Page - Mosel Vitelic, Corp V437464Q24VXTG-10PC Datasheet HTML 5Page - Mosel Vitelic, Corp V437464Q24VXTG-10PC Datasheet HTML 6Page - Mosel Vitelic, Corp V437464Q24VXTG-10PC Datasheet HTML 7Page - Mosel Vitelic, Corp V437464Q24VXTG-10PC Datasheet HTML 8Page - Mosel Vitelic, Corp V437464Q24VXTG-10PC Datasheet HTML 9Page - Mosel Vitelic, Corp V437464Q24VXTG-10PC Datasheet HTML 10Page - Mosel Vitelic, Corp V437464Q24VXTG-10PC Datasheet HTML 11Page - Mosel Vitelic, Corp V437464Q24VXTG-10PC Datasheet HTML 12Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
V437464Q24V Rev. 1.0 January 2002
MOSEL VITELIC
V437464Q24V
Absolute Maximum Ratings
Standby and Refresh Currents1
TA =0°Cto70°C, VCC =3.3V ± 0.3V
Parameter
Max.
Units
VoltageonVDD Supply Relative to VSS
-1 to 4.6
V
VoltageonInput Relative to VSS
-1 to 4.6
V
Operating Temperature
0to+70
°C
Storage Temperature
-55to125
°C
Power Dissipation
15
W
Sym-
bol
Parameter
Test Conditions
-10PC
Unit
Note
ICC1
Operating Current
Burst length = 4, CL = 3
tRC>= tRC(min),
tCK>= tCK(min), IO = 0 mA
2 Bank Interleave Operation
4140
3780
mA
1,2
ICC2P
Precharged Standby Current in
PowerDown Mode
CKE< = VIL(max), tCK>= tCK(min)
36
36
mA
ICC2N
Precharged Standby Current in
Non-Power Down Mode
CKE> = VIH(min), tCK>= tCK(min), In-
put changed once in 3 cycles
810
630
mA
CS =
High
ICC3P
Active Standby Current in Power
Down Mode
CKE< = VIL(max), tCK>= tCK(min)
180
180
mA
ICC3N
Active Standby Current in Non-Pow-
er Down Mode
CKE> = VIH(min), tCK>= tCK(min), In-
put changed one time
990
810
mA
CS =
High
ICC4
Burst Operating Current
tRC = Infinite, CL = 3,
tCK>= tCK(min), IO = 0 mA
2 Banks Activated
2700
2160
mA
1, 2
ICC5
Auto Refresh Current
tRC>= tRC(min)
4320
3960
mA
1,2
ICC6
Self Refresh Current
CKE = <0,2 V
Standard
54
54
mA
1,2
L-version
32
32
-75PC/75


Similar Part No. - V437464Q24VXTG-10PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437464C24V MOSEL-V437464C24V Datasheet
325Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE PC133 REGISTERED PLL ECC SDRAM MODULE
V437464E24V MOSEL-V437464E24V Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437464E24VXTG-10PC MOSEL-V437464E24VXTG-10PC Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437464E24VXTG-75 MOSEL-V437464E24VXTG-75 Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437464E24VXTG-75PC MOSEL-V437464E24VXTG-75PC Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
More results

Similar Description - V437464Q24VXTG-10PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437464S24V MOSEL-V437464S24V Datasheet
318Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464E24V MOSEL-V437464E24V Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V827464K24S MOSEL-V827464K24S Datasheet
223Kb / 14P
   2.5 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437316S04V MOSEL-V437316S04V Datasheet
338Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V43728S04VCTG-10PC MOSEL-V43728S04VCTG-10PC Datasheet
60Kb / 11P
   3.3 VOLT 8M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
V43728S04VCTG-75 MOSEL-V43728S04VCTG-75 Datasheet
204Kb / 12P
   3.3 VOLT 8M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V437216S04VCTG-75 MOSEL-V437216S04VCTG-75 Datasheet
248Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V437216S04VCTG-10PC MOSEL-V437216S04VCTG-10PC Datasheet
67Kb / 11P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
V437432S24V MOSEL-V437432S24V Datasheet
267Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM ECC MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com