Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603ZC106M4Z4A Datasheet(PDF) 4 Page - AVX Corporation

Part # 0603ZC106M4Z4A
Description  Automotive MLCC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0603ZC106M4Z4A Datasheet(HTML) 4 Page - AVX Corporation

  0603ZC106M4Z4A Datasheet HTML 1Page - AVX Corporation 0603ZC106M4Z4A Datasheet HTML 2Page - AVX Corporation 0603ZC106M4Z4A Datasheet HTML 3Page - AVX Corporation 0603ZC106M4Z4A Datasheet HTML 4Page - AVX Corporation 0603ZC106M4Z4A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
38
Automotive MLCC - X7R
Capacitance Range
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.86
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.034)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
0603
0805
1206
1210
1812
2220
16V
25V
50V
100V 200V 16V
25V
50V
100V 200V 16V
25V
50V
100V 200V 500V 16V
25V
50V 100V 50V
100V 50V
102
Cap
1
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
K
K
K
K
K
K
182
(nF)
1.8
G
G
G
G
J
J
J
J
J
J
J
J
J
J
K
K
K
K
K
K
222
2.2
G
G
G
G
J
J
J
J
J
J
J
J
J
J
K
K
K
K
K
K
332
3.3
G
G
G
G
J
J
J
J
J
J
J
J
J
J
K
K
K
K
K
K
472
4.7
G
G
G
G
J
J
J
J
J
J
J
J
J
J
K
K
K
K
K
K
103
10
G
G
G
G
J
J
J
J
J
J
J
J
J
K
K
K
K
K
K
123
12
G
G
G
J
J
J
M
J
J
J
J
K
K
K
K
K
K
153
15
G
G
G
J
J
J
M
J
J
J
J
K
K
K
K
K
K
183
18
G
G
G
J
J
J
M
J
J
J
J
K
K
K
K
K
K
223
22
G
G
G
J
J
J
M
J
J
J
J
K
K
K
K
K
K
273
27
G
G
G
J
J
J
M
J
J
J
J
K
K
K
K
K
K
333
33
G
G
G
J
J
J
M
J
J
J
J
K
K
K
K
K
K
473
47
G
G
G
J
J
J
M
J
J
J
M
K
K
K
K
K
K
563
56
G
G
G
J
J
J
M
J
J
J
M
K
K
K
M
K
K
683
68
G
G
G
J
J
J
M
J
J
J
M
K
K
K
M
K
K
823
82
G
G
G
J
J
J
M
J
J
J
M
K
K
K
M
K
K
104
100
G
G
G
J
J
M
M
J
J
J
M
K
K
K
M
K
K
124
120
J
J
M
J
J
M
M
K
K
K
P
K
K
154
150
M
N
M
J
J
M
M
K
K
K
P
K
K
224
220
M
N
M
J
M
M
Q
M
M
M
P
M
M
334
330
N
N
M
J
M
P
Q
P
P
P
Q
X
X
474
470
N
N
M
M
M
P
P
P
P
Q
X
X
684
680
N
N
M
Q
Q
P
P
Q
X
X
X
105
Cap
1
N
N
M
Q
Q
P
Q
Q
X
X
X
155
(µF)
1.5
Q
Q
P
Q
Z
X
X
225
2.2
Q
Q
X
Z
Z
Z
Z
335
3.3
XZ
Z
Z
475
4.7
XZ
Z
Z
106
10
Z
16V
25V
50V
100V 200V 16V
25V
50V
100V 200V 16V
25V
50V
100V 200V 500V 16V
25V
50V 100V 50V
100V 50V
0603
0805
1206
1210
1812
2220


Similar Part No. - 0603ZC106M4Z4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0603ZC106M4Z4A AVX-0603ZC106M4Z4A Datasheet
386Kb / 5P
   General Specifications
More results

Similar Description - 0603ZC106M4Z4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12063F474K4T2A AVX-12063F474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12065C224K4T2A AVX-12065C224K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12101C105K4T2A AVX-12101C105K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
08053C474K4T2A AVX-08053C474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12061C103K4T2A AVX-12061C103K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
06035C333K4T2A AVX-06035C333K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
080555A104K4T2A AVX-080555A104K4T2A Datasheet
105Kb / 5P
   Automotive MLCC
06035A471J4T2A AVX-06035A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
08055A471J4T2A AVX-08055A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
06031C471K4T2A AVX-06031C471K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
08055C332K4T2A AVX-08055C332K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com