Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPT-9026AS1B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CFPT-9026AS1B
Description  High Performance TCXO/TCVCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFPT-9026AS1B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CFPT-9026AS1B Datasheet HTML 1Page - List of Unclassifed Manufacturers CFPT-9026AS1B Datasheet HTML 2Page - List of Unclassifed Manufacturers CFPT-9026AS1B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CFPT-9025 Series High Performance TCXO/TCVCXO
ISSUE 3; 1 FEBRUARY 2006
Recommended for New Designs
Delivery Options
Please contact our sales office for current leadtimes
Description
The CFPT-9025 series of temperature compensated
crystal oscillators provide for ultra high stabilities down
to ±0.3ppm and operating temperature ranges as wide as
–55 to +125°C. The oscillator uses C-MAC’s latest custom
ASIC "Pluto", a single chip oscillator and analogue
compensation circuit. Due to its unique mechanical
construction the CFPT-9025 series is able to withstand
20,000 G’s acceleration, which makes it the TCXO of
choice for gun hardened GPS navigation systems
Standard Frequencies
9.6, 10.0, 11.68, 12.504, 12.8, 13.0, 14.4, 16.3676, 19.44,
20.0, 21.73875, 24.5535, 38.88, 40.96, 47.032, 49.152,
51.84 MHz
Non-standard Frequencies in the range 1.0 MHz to 75.0 MHz
(see table) are available on request, contact sales office.
Output Waveform
Square HCMOS 15pF load
Square ACMOS 50pF max. load
Sinewave >1.0pk-pk, 10k
Ω // 10pF load
Clipped sinewave >0.81Vpk-pk, 10k
Ω // 10pF load
Sinewave and clipped sinewave signals are superimposed
on a DC offset, to remove this offset insert an external
coupling capacitor in series with the output
Supply Voltage
3.3 and 5.0V, see table, non-standard supply voltages in
the range 2.4 to 6.0V are available on request, contact
sales office
Current Consumption
HCMOS Typically
1+Frequency(MHz)*Supply(V)*{Load(pF)+15}*10-3 mA
E. g. 20MHz, 5V, 15pF
4mA
ACMOS Typically
1+Frequency(MHz)*Supply(V)*{Load(pF)+23}*10-3 mA
Sinewave < 8 mA
Clipped Sinewave Typically
1+Frequency(MHz)*1.2*{Load(pF)+30}*10-3 mA
Package Outline
Low Profile, 7.6 x 9.3 x 3.2 mm SMD package with High
Temperature Co-fired Ceramic base and metal cover
Ageing
±1ppm maximum in first year
±5ppm maximum for 10 years
Frequency Stability
Temperature: see table
Typical Supply Voltage Variation ±10%
< ±0.2 ppm
Typical Load Coefficient ±10%
< ±0.1 ppm
Frequency Adjustment
Three options with external Control Voltage applied to
pad 1:
A - Ageing adjustment: > ±5ppm (Standard Option)
B - No frequency adjustment initial calibration @ 25°C
< ±0.5 ppm
C - High Pulling ±10ppm to ±50ppm and non-standard
control voltage ranges may be available depending
on frequency and stability options. Please consult
our sales office
Linearity
< 1%
Slope
Positive
Input resistance
> 100k
Modulation bandwidth
> 2kHz
Standard control voltage ranges:
Without reference voltage
- Vs=5.0V Vc=2.5V±2V
Without reference voltage
- Vs=3.3V Vc=1.65V±1V
With reference voltage
- Vc=0V to Vref
Reference Voltage, Vref
Optional reference voltage output on pad 2, suitable for
potentiometer supply or DAC reference.
1. No output (Standard option)
2. 2.2V, for Min. Vs>2.4V
3. 2.75V, for Min. Vs>3.0V
4. 4.2V, for Min. Vs>4.5V
Maximum load current 100µA
For manual frequency adjustment connect an external
50k
Ω potentiometer between pad 2 (Reference Voltage)
and pad 3 (Ground) with wiper connected to pad 1
(Voltage Control). Please specify reference voltage as a
part of the ordering code


Similar Part No. - CFPT-9026AS1B

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPT-9001 IQD-CFPT-9001 Datasheet
211Kb / 3P
   TCXO Specification
CFPT-9003 IQD-CFPT-9003 Datasheet
210Kb / 3P
   TCXO Specification
CFPT-9005 IQD-CFPT-9005 Datasheet
211Kb / 3P
   TCXO Specification
CFPT-9006 IQD-CFPT-9006 Datasheet
208Kb / 4P
   TCXO Specification
CFPT-9007 IQD-CFPT-9007 Datasheet
210Kb / 3P
   TCXO Specification
More results

Similar Description - CFPT-9026AS1B

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AA-XADXXX NEL-AA-XADXXX Datasheet
135Kb / 4P
   LVDS TCXO/TCVCXO
AA-XADXXX-X NEL-AA-XADXXX-X Datasheet
149Kb / 4P
   LVDS TCXO/TCVCXO
logo
CTS Corporation
574 CTS-574 Datasheet
194Kb / 5P
   Stratum 3 TCXO/TCVCXO
logo
TEMEX
RFPT700 TEMEX-RFPT700 Datasheet
308Kb / 6P
   SMD Low Acceleration Sensitivity TCXO / TCVCXO
logo
MTRONPTI
M6029 MTRONPTI-M6029 Datasheet
220Kb / 1P
   5x7 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
M6029_0611 MTRONPTI-M6029_0611 Datasheet
250Kb / 2P
   5x7 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
ILSI America LLC
I123 ILSI-I123 Datasheet
43Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
I121 ILSI-I121 Datasheet
51Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
logo
Connor-Winfield Corpora...
T504-019.44M CONNOR-WINFIELD-T504-019.44M Datasheet
203Kb / 4P
   Telecom Performance TCXO / VCTCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com