Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANH2412N Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANH2412N
Description  SIP or DIP Package Single and Dual Output 1 Watt DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANH2412N Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANH2412N Datasheet HTML 1Page - Wall Industries,Inc. LANH2412N Datasheet HTML 2Page - Wall Industries,Inc. LANH2412N Datasheet HTML 3Page - Wall Industries,Inc. LANH2412N Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LAN H Series
SIP or DIP Package
Single and Dual Output
1 Watt DC/DC Converter
MECHANICAL DRAWING
SINGLE OUTPUT
DUAL OUTPUT
PIN CONNECTION
PIN
SINGLE
1
-Vin
2
+Vin
3
-Vout
4
+Vout
Unit: inches (mm)
PIN CONNECTION
PIN
DUAL
1
-Vin
2
+Vin
3
-Vout
4
Common
5
+Vout
Unit: inches (mm)


Similar Part No. - LANH2412N

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANH2412N2 WALL-LANH2412N2 Datasheet
278Kb / 5P
   Non-Regulated Single Outputs
LANH2412N2DIL WALL-LANH2412N2DIL Datasheet
278Kb / 5P
   Non-Regulated Single Outputs
More results

Similar Description - LANH2412N

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
RBA1 WALL-RBA1 Datasheet
590Kb / 7P
   1 Watt Single Output DC/DC DIP & SIP Mount Converter
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
LANEH WALL-LANEH Datasheet
293Kb / 4P
   Single and Dual Output 1 Watt DC/DC Converter
DCMA01-HI WALL-DCMA01-HI Datasheet
310Kb / 5P
   1 Watt DC/DC Converter Single and Dual Output
DCB1 WALL-DCB1 Datasheet
658Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
logo
MORNSUN Science& Techno...
B0505JS-2W MORNSUN-B0505JS-2W Datasheet
249Kb / 2P
   SINGLE OUTPUT SIP PACKAGE DC-DC CONVERTER
VRB1203D-30W MORNSUN-VRB1203D-30W Datasheet
106Kb / 2P
   DIP PACKAGE,SINGLE OUTPUT DC-DC CONVERTER
WRA0505CKS-1W MORNSUN-WRA0505CKS-1W Datasheet
156Kb / 2P
   DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
logo
Wall Industries,Inc.
LANE6KV WALL-LANE6KV Datasheet
200Kb / 8P
   Single and Dual Output 1 Watt DC/DC Converter 7 pin SIP with 6KVDC Isolation
logo
MORNSUN Science& Techno...
WRE0505CKS-1W MORNSUN-WRE0505CKS-1W Datasheet
140Kb / 2P
   DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com