Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANK2415W10 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # LANK2415W10
Description  2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANK2415W10 Datasheet(HTML) 6 Page - Wall Industries,Inc.

  LANK2415W10 Datasheet HTML 1Page - Wall Industries,Inc. LANK2415W10 Datasheet HTML 2Page - Wall Industries,Inc. LANK2415W10 Datasheet HTML 3Page - Wall Industries,Inc. LANK2415W10 Datasheet HTML 4Page - Wall Industries,Inc. LANK2415W10 Datasheet HTML 5Page - Wall Industries,Inc. LANK2415W10 Datasheet HTML 6Page - Wall Industries,Inc. LANK2415W10 Datasheet HTML 7Page - Wall Industries,Inc. LANK2415W10 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANK 10W Series
2:1 Wide Input Range
Single and Dual Output
10 Watt DC/DC Converter
Efficiency vs Input Voltage ( Single Output )
Efficiency vs Input Voltage ( Dual Output )
Efficiency vs Output Load ( Single Output )
Efficiency vs Output Load ( Dual Output )
Derating Curve


Similar Part No. - LANK2415W10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANK2415W10 WALL-LANK2415W10 Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
More results

Similar Description - LANK2415W10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANK10W WALL-LANK10W_16 Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEW WALL-LANEW Datasheet
189Kb / 4P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com