Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANC4812DW8 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANC4812DW8
Description  Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC4812DW8 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANC4812DW8 Datasheet HTML 1Page - Wall Industries,Inc. LANC4812DW8 Datasheet HTML 2Page - Wall Industries,Inc. LANC4812DW8 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANCW8 Series
Single and Dual Output
8 Watt DC/DC Converter
2:1 Wide Input Voltage Range
OUTPUT VOLTAGE / CURRENT RATING CHART
Output Current
Input Current
Model Number Input Range
Output
Voltage
Min. load Full load
Output
(4)
Ripple & Noise No load (3) Full load (2)
Efficiency
(4)
Capacitor
(5)
Load max
LANC123.3W8
3.3 VDC
0mA
2000mA
50mVp-p
10mA
724mA
80%
3300uF
LANC1205W8
5 VDC
0mA
1500mA
50mVp-p
15mA
791mA
83%
1600uF
LANC1212W8
12 VDC
0mA
666mA
50mVp-p
13mA
792mA
88%
350uF
LANC1215W8
15 VDC
0mA
533mA
50mVp-p
20mA
802mA
87%
240uF
LANC1205DW8
±5 VDC
0mA
±800mA
50mVp-p
15mA
843mA
83%
±1000uF
LANC1212DW8
±12 VDC
0mA
±333mA
50mVp-p
20mA
802mA
87%
±160uF
LANC1215DW8
12 VDC
(9 – 18 VDC)
±15 VDC
0mA
±267mA
50mVp-p
20mA
824mA
85%
±100uF
LANC243.3W8
3.3 VDC
0mA
2000mA
50mVp-p
10mA
362mA
80%
3300uF
LANC2405W8
5 VDC
0mA
1500mA
50mVp-p
30mA
396mA
83%
1600uF
LANC2412W8
12 VDC
0mA
666mA
50mVp-p
13mA
406mA
86%
350uF
LANC2415W8
15 VDC
0mA
533mA
50mVp-p
15mA
411mA
85%
240uF
LANC2405DW8
±5 VDC
0mA
±800mA
50mVp-p
15mA
427mA
82%
±1000uF
LANC2412DW8
±12 VDC
0mA
±333mA
50mVp-p
15mA
406mA
86%
±160uF
LANC2415DW8
24 VDC
(18 – 36 VDC)
±15 VDC
0mA
±267mA
50mVp-p
13mA
411mA
85%
±100uF
LANC483.3W8
3.3 VDC
0mA
2000mA
50mVp-p
7mA
181mA
80%
3300uF
LANC4805W8
5 VDC
0mA
1500mA
50mVp-p
8mA
198mA
83%
1600uF
LANC4812W8
12 VDC
0mA
666mA
50mVp-p
10mA
203mA
86%
350uF
LANC4815W8
15 VDC
0mA
533mA
50mVp-p
10mA
203mA
86%
240uF
LANC4805DW8
±5 VDC
0mA
±800mA
50mVp-p
8mA
205mA
85%
±1000uF
LANC4812DW8
±12 VDC
0mA
±333mA
50mVp-p
8mA
200mA
87%
±160uF
LANC4815DW8
48 VDC
(36 – 75 VDC)
±15 VDC
0mA
±267mA
50mVp-p
7mA
201mA
87%
±100uF
NOTES
1.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment).
2.
Maximum value at nominal input voltage and full load of standard type.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
The ON/OFF control pin voltage is referenced to –Vin.
7.
The LANCW8 Series can meet EN55022 Class A with an external capacitor in parallel with the input pins.
Recommended: 12Vin: 4.7µF/25V
24Vin: N/A.
48Vin: N/A.
8.
An external filter capacitor is required if the module has to meet EN61000-4-5. The filter capacitor Wall Industries suggests: Nippon chemi-con
KY Series, 220µF/100V, ESR 48mΩ.
DERATING CURVE & EFFICIENCY GRAPHS
FKC08-48S05 Derating Curve
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE,TA(℃)
69.2
FKC08-48S05
Efficiency VS Input Voltage
60
65
70
75
80
85
90
36
40
44
48
52
56
60
64
68
72
75
Vin(V)
FKC08-48S05
Efficiency VS Output Load
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
% of FULL LOAD
LANC4805W8 Derating Curve
Ambient Temperature (°C)
LANC4805W8 Efficiency vs Input
36
40
44
48
52
56
60
64
68
72
75
Vin (V)
90
85
80
75
70
65
60
LANC4805W8 Efficiency vs Output Load
90
85
80
75
70
65
60
10
20
30
40
50
60
70
80
90
100
% of Full Load
-40
-20
0
20
40
60 69.2 80
100
120
Ambient Temperature, TA (°C)
120
100
80
60
40
20
0


Similar Part No. - LANC4812DW8

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC4812DW8 WALL-LANC4812DW8 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 짹12 VDC Output at 짹0.333A
More results

Similar Description - LANC4812DW8

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANK10W WALL-LANK10W_16 Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
LANK10W WALL-LANK10W Datasheet
246Kb / 8P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
LANEW WALL-LANEW Datasheet
189Kb / 4P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DD24S33-14000 WALL-DD24S33-14000 Datasheet
159Kb / 3P
   DC/DC Converter 60 Watt Single Output 2:1 Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com