Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANE505N6KV Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANE505N6KV
Description  Single and Dual Output 1 Watt DC/DC Converter 7 pin SIP with 6KVDC Isolation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANE505N6KV Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANE505N6KV Datasheet HTML 1Page - Wall Industries,Inc. LANE505N6KV Datasheet HTML 2Page - Wall Industries,Inc. LANE505N6KV Datasheet HTML 3Page - Wall Industries,Inc. LANE505N6KV Datasheet HTML 4Page - Wall Industries,Inc. LANE505N6KV Datasheet HTML 5Page - Wall Industries,Inc. LANE505N6KV Datasheet HTML 6Page - Wall Industries,Inc. LANE505N6KV Datasheet HTML 7Page - Wall Industries,Inc. LANE505N6KV Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANE-6KV Series
Single and Dual Output
1 Watt DC/DC Converter
7 pin SIP with 6KVDC Isolation
MECHANICAL DRAWING
1. All dimensions in mm (inches)
2. Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.25 (X.XXX±0.01)
3. Pin tolerance: ±0.05 (±0.002)
PIN CONNECTIONS
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout
The LANE-6KV Series converter is encapsulated in a low thermal resistance molding compound that has excellent
resistance/electrical characteristics over a wide temperature range or in high humidity environments. The encapsulant and
unit case are both rated to UL 94V-0 flammability specifications. Leads are tin plated for improved solderability.


Similar Part No. - LANE505N6KV

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE505N6KV WALL-LANE505N6KV Datasheet
127Kb / 5P
   1 Watt Output Power 3000VACrms (6000VDC) I/O Isolation
LANE505N6KV WALL-LANE505N6KV Datasheet
513Kb / 5P
   1 Watt Medical & Industrial DC/DC Power Converters
More results

Similar Description - LANE505N6KV

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
GA6KV WALL-GA6KV Datasheet
218Kb / 7P
   With 6KVDC Isolation Single and Dual Output 2 Watt DC - DC Converter
logo
CET Technology, LLC
CT-13DS1 CETTECHNOLOGY-CT-13DS1 Datasheet
397Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-1W CETTECHNOLOGY-CT-12D-1W Datasheet
774Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-6KV CETTECHNOLOGY-CT-12D-6KV Datasheet
675Kb / 2P
   6000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-13DS2 CETTECHNOLOGY-CT-13DS2 Datasheet
365Kb / 2P
   1000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
logo
Wall Industries,Inc.
LANH WALL-LANH Datasheet
218Kb / 4P
   SIP or DIP Package Single and Dual Output 1 Watt DC/DC Converter
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
LANEH WALL-LANEH Datasheet
293Kb / 4P
   Single and Dual Output 1 Watt DC/DC Converter
DCMA01-HI WALL-DCMA01-HI Datasheet
310Kb / 5P
   1 Watt DC/DC Converter Single and Dual Output
logo
CET Technology, LLC
CT-13D1-1W CETTECHNOLOGY-CT-13D1-1W Datasheet
485Kb / 2P
   3000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com