Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6T2008V2A-TF10 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K6T2008V2A-TF10
Description  256Kx8 bit Low Power and Low Voltage CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T2008V2A-TF10 Datasheet(HTML) 2 Page - Samsung semiconductor

  K6T2008V2A-TF10 Datasheet HTML 1Page - Samsung semiconductor K6T2008V2A-TF10 Datasheet HTML 2Page - Samsung semiconductor K6T2008V2A-TF10 Datasheet HTML 3Page - Samsung semiconductor K6T2008V2A-TF10 Datasheet HTML 4Page - Samsung semiconductor K6T2008V2A-TF10 Datasheet HTML 5Page - Samsung semiconductor K6T2008V2A-TF10 Datasheet HTML 6Page - Samsung semiconductor K6T2008V2A-TF10 Datasheet HTML 7Page - Samsung semiconductor K6T2008V2A-TF10 Datasheet HTML 8Page - Samsung semiconductor K6T2008V2A-TF10 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CMOS SRAM
K6T2008V2A, K6T2008U2A Family
Revision 2.01
October 2001
256Kx8 bit Low Power and Low Voltage CMOS Static RAM
GENERAL DESCRIPTION
The K6T2008V2A and K6T2008U2A families are fabricated by
SAMSUNG
′s advanced CMOS process technology. The fam-
ily
support various operating temperature ranges and have
various package types for user flexibility of system design. The
family also support low data retention voltage for battery back-
up operation with low data retention current.
FEATURES
• Process Technology: TFT
• Organization: 256Kx8
• Power Supply Voltage
K6T2008V2A Family: 3.0V~3.6V
K6T2008U2A Family: 2.7V~3.3V
• Low Data Retention Voltage: 2V(Min)
• Three State Outputs
• Package Type: 32-TSOP1-0820F, 32-TSOP1-0813.4F
48-FBGA-6.00x7.00
PIN DESCRIPTION
Name
Function
Name
Function
CS1,CS2 Chip Select Inputs
I/O1~I/O8 Data Inputs/Outputs
OE
Output Enable Input
Vcc
Power
WE
Write Enable Input
Vss
Ground
A0~A17
Address Inputs
NC
No Connection
PRODUCT FAMILY
1. The parameters are tested with 30pF test load
2. K6T2008V2A Family = 35mA
Product Family
Operating Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Max)
Operating
(ICC2,Max)
K6T2008V2A-B
Commercial(0~70
°C)
3.0~3.6V
70/85ns
10
µA
30mA2)
32-TSOP1-0820F
32-TSOP1-0813.4F
48-FBGA-6.00x7.00
K6T2008U2A-B
2.7~3.3V
701)/85/100ns
K6T2008V2A-F
Industrial(-40~85
°C)
3.0~3.6V
701)/85/100ns
15
µA
K6T2008U2A-F
2.7~3.3V
FUNCTIONAL BLOCK DIAGRAM
A11
A9
A8
A13
WE
CS2
A15
VCC
A17
A16
A14
A12
A7
A6
A5
A4
OE
A10
CS1
I/O8
I/O7
I/O6
I/O5
I/O4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
A3
32-sTSOP1
Type - Forward
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
A2
Precharge circuit.
Memory array
1024 rows
256
×8 columns
I/O Circuit
Column select
Clk gen.
Row
select
A0
A1 A17 A6 A5
A3
A4
A16
A15
A14
A13
A12
A11
A9
I/O1
Data
cont
Data
cont
I/O8
A10
A8
A7
CS1
WE
OE
CS2
Control
logic
32-TSOP1
48-FBGA: Top View (Ball Down)
A0
A1
CS2
A3
A6
A8
I/O5
A2
WE
A4
A7
I/O1
I/O6
NC
A5
I/O2
Vss
Vcc
Vcc
Vss
I/O7
NC
A17
I/O3
I/O8
OE
CS1
A16
A15
I/O4
A9
A10
A11
A12
A13
A14
1
2
3
4
5
6
A
B
C
D
E
F
G
H


Similar Part No. - K6T2008V2A-TF10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D-B SAMSUNG-K6T0808C1D-B Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D-DB55 SAMSUNG-K6T0808C1D-DB55 Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D-DB70 SAMSUNG-K6T0808C1D-DB70 Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D-DL55 SAMSUNG-K6T0808C1D-DL55 Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T2008V2A-TF10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F2008T2E SAMSUNG-K6F2008T2E Datasheet
134Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008V2E SAMSUNG-K6F2008V2E Datasheet
134Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008S2E SAMSUNG-K6F2008S2E Datasheet
130Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F2008U2E SAMSUNG-DS_K6F2008U2E Datasheet
130Kb / 10P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X8008C2B SAMSUNG-K6X8008C2B Datasheet
131Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
K6T8008C2M SAMSUNG-K6T8008C2M Datasheet
149Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4016V3C SAMSUNG-K6T4016V3C Datasheet
154Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com