Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANC2412UW12 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANC2412UW12
Description  Single and Dual Output 12 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC2412UW12 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANC2412UW12 Datasheet HTML 1Page - Wall Industries,Inc. LANC2412UW12 Datasheet HTML 2Page - Wall Industries,Inc. LANC2412UW12 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANCUW12 Ultra Wide Series
Single and Dual Output
12 Watt DC/DC Converter
4:1 Ultra Wide Input Voltage
FEATURES
● 12 Watts Output power
● High Efficiency up to 88%
● Five-Sided Continuous Shield
● DIP and SMT Types Available
● Standard 1.25 x 0.8 x 0.4 Inches
● 4:1 Ultra Wide Input Voltage Range
● Fixed Switching Frequency (400KHz)
● Compliant to RoHS EU Directive 2002/95/EC
● UL60950-1, EN60950-1, and IEC60950-1 Licensed
● CE Mark meets 2006/95/EC, 93/68/EEC, and 89/336 EEC
SPECIFICATIONS: LANCUW12 Ultra Wide Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 24V nominal input .......................... 9-36VDC
48V nominal input ........................ 18-75VDC
Input Filter .......................................................................................PI Type
Input Voltage Variation................. dv/dt .................................... 5V/ms max
Complies with ETS300 132 part 4.4)
Input Surge Voltage (100ms max) ...... 24V input ...........................50VDC
48V input .........................100VDC
Input Reflected Ripple Current (nominal Vin and full load) ...........20mAp-p
Start Up Time (nominal Vin and constant resistive load) ...........450ms typ.
Start Up Voltage................... 24V ......................................................9VDC
48V ....................................................18VDC
Shutdown Voltage................ 24V ......................................................8VDC
48V ....................................................16VDC
Remote ON/OFF (See Note 6)
(Positive Logic)............... DC-DC ON.............Open or 3.0V < Vr < 12V
DC-DC OFF .............Short or 0V < Vr < 1.2V
Input Current of Remote Control Pin (nominal Vin) .......... -0.5mA ~ 0.5mA
Remote Off State Input Current (nominal Vin) ..................................2.5mA
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table
Voltage Accuracy (nominal Vin and full load) ................................... ±1.2%
Output Current ..............................................................................see table
Output Power ........................................................................ 12 watts max.
Line Regulation (LL to HL at FL)…………… Single.......................... ±0.2%
Load Regulation (no load to full load) ...... Single Output (DIP) ....... ±0.5%
Single Output (SMT).......... ±1%
Dual Output (SMT, DIP) .... ±1%
Cross Regulation (Dual) (Asymmetrical load 25% / 100% FL) ............ ±5%
Minimum Load ....................................................................................... 0%
Ripple/Noise (20 MHz BW) ...........................................................85mVp-p
Temperature Coefficient ................................................. ±0.02% / °C max.
Transient Response Recovery Time (25% load step) ...................... 250us
PROTECTION SPECIFICATIONS
Over Voltage Protection (single output) ........... 3.3V Output................. 3.9V
5.1V Output................. 6.2V
12V Output................... 15V
15V Output................... 18V
Over Load Protection (% of full load at nominal input) ................. 150% typ.
Short Circuit Protection...............................Continuous, automatic recovery
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table
Switching Frequency .................................................................400KHz typ.
Isolation Voltage
Input to Output............................................................... 1600VDC min.
Input (Output) to Case (DIP).......................................... 1600VDC min.
Input (Output) to Case (SMT) ........................................ 1000VDC min.
Isolation Resistance ...............................................................10
9 ohms min.
Isolation Capacitance ............................................................. 1500pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Vo = 5.1V, 12V, 15V, ±12V, ±15V ......... -40°C to +69°C (w/o derating)
+69°C to +105°C (w/ derating)
Vo = 3.3V, ±5V ...................................... -40°C to +61°C (w/o derating)
+61°C to 105°C (w/ derating)
Storage Temperature .......................................................... -55°C ~ +125°C
Maximum Case Temperature ............................................................. 105°C
Relative Humidity (non-condensing) .....................................5% to 95% RH
Thermal Impedance (Natural Convection) ................................. 20°C / Watt
Thermal Shock ..................................................................... MIL-STD-810F
Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z
MTBF (See Note 1) ........BELLCORE-TR-NWT-000332 ....... 2.75 x 10
6 hrs
MIL-STD-217F ............................. 8.745 x 10
5 hrs
PHYSICAL SPECIFICATIONS
Weight ..................................................................................... 18g (0.63 oz)
Dimensions................... 1.25 x 0.80 x 0.40 inches (31.8 x 20.3 x 10.2 mm)
Case Material ..............................................................Nickel-coated copper
Base Material...................................................Non-conductive black plastic
Potting material..................................................................Epoxy (UL94-V0)
Shielding..................................................................................... five – sided
Due to advances in technology, specifications subject to change without notice
APPLICATIONS
● Measurement
● Wireless Network
● Telecom/Datacom
● Industry Control System
● Semiconductor Equipment


Similar Part No. - LANC2412UW12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2412UW12 WALL-LANC2412UW12 Datasheet
912Kb / 14P
   DC/DC Converter 9-36 VDC Input 12 VDC Output at 1.0A
More results

Similar Description - LANC2412UW12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCW12 WALL-LANCW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage
LANC8UW WALL-LANC8UW Datasheet
244Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
DMW24S33-3000 WALL-DMW24S33-3000 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
JFCW24S33-4000 WALL-JFCW24S33-4000 Datasheet
185Kb / 4P
   Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
RJW WALL-RJW_16 Datasheet
127Kb / 2P
   Single and Dual Output 4:1 Input Voltage Range 12 Watt DC/DC Converter
MDW WALL-MDW Datasheet
256Kb / 3P
   Single and Dual Output 20 Watt DC/DC Converter 4:1 Wide Input Voltage Range
LANCW5 WALL-LANCW5 Datasheet
231Kb / 3P
   Single and Dual Output 5 Watt DC/DC Converter 2:1 and 4:1 Wide Input Voltage
MSKUW WALL-MSKUW_16 Datasheet
204Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 4:1 Ultra Wide Input Voltage Range
JRW24S33-2500 WALL-JRW24S33-2500 Datasheet
146Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com