Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6CK-2114P-US Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G6CK-2114P-US
Description  Power PCB Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6CK-2114P-US Datasheet(HTML) 3 Page - Omron Electronics LLC

  G6CK-2114P-US Datasheet HTML 1Page - Omron Electronics LLC G6CK-2114P-US Datasheet HTML 2Page - Omron Electronics LLC G6CK-2114P-US Datasheet HTML 3Page - Omron Electronics LLC G6CK-2114P-US Datasheet HTML 4Page - Omron Electronics LLC G6CK-2114P-US Datasheet HTML 5Page - Omron Electronics LLC G6CK-2114P-US Datasheet HTML 6Page - Omron Electronics LLC G6CK-2114P-US Datasheet HTML 7Page - Omron Electronics LLC G6CK-2114P-US Datasheet HTML 8Page - Omron Electronics LLC G6CK-2114P-US Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
646
Power PCB Relay
G6C
I Coil Data
Dual-winding Latching Type
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23°C (73°F) with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23°C (73°F).
3. The minimum pulse width of the set and reset voltage is 20 ms.
I Characteristics
Note: Data shown are of initial value.
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Set
pick-up
voltage
Reset
pick-up
voltage
Maximum
voltage
Power
consumption
(mW)
Set
Coil
Reset
Coil
% of rated voltage
3
93.50
32.10
0.03
0.03
70% max.
70% max.
160% max.
at 23°C (73°F)
Approx. 280
5
56
89.30
0.07
0.08
6
46.70
129
0.10
0.12
110% max.
at 70°C
(158°F)
12
23.30
514
0.37
0.47
24
11.70
2,056
1.56
1.46
Non-latching
Latching
Contact resistance
30 m
Ω max.
Operate (set) time
10 ms max. (mean value: approx. 5 ms)
Release (reset) time
10 ms max. (mean value: approx. 2 ms)
Bounce time
Operate
Approx. 3 ms
Release
Approx. 3 ms
Operating
frequency
Mechanical
18,000 operations/hour
Electrical
1,800 operations/hour (under rated load)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 minute between coil and contacts, non-latching types
2,000 VAC, 50/60 Hz for 1 minute between contacts of different poles, non-latching
1,000 VAC, 50/60 Hz for 1 minute between contacts of same pole, non-latching
250 VAC, 50/60 Hz for 1 minute between set and reset coils, latching types
Surge withstand voltage
4,500 V x 40 µs (between coil and contacts, non-latching)
Vibration
Mechanical durability
10 to 55 Hz; 1.50 mm (0.06 in) double amplitude
Malfunction durability
10 to 55 Hz; 1.50 mm (0.06 in) double amplitude
Shock
Mechanical durability
Approx. 100 G
Malfunction durability
Approx. 10 G
Ambient temperature
-25 to 70°C (-13° to 158°F)
Humidity
45 to 85% RH
Service life
Mechanical
50 million operations min. (at operating frequency of 18,000 operations/hour)
Electrical
See “Characteristic Data”
Weight
Approx. 5.6 g (0.20 oz)


Similar Part No. - G6CK-2114P-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6CK-2114P-US OMRON-G6CK-2114P-US Datasheet
594Kb / 12P
   Power PCB Relay
G6CK-2114P-US OMRON-G6CK-2114P-US Datasheet
512Kb / 10P
   Power PCB Relay
More results

Similar Description - G6CK-2114P-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com